전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N5484 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2N5484 Datasheet

  • # Example questions: ➢ How does the power dissipation change as the operating temperature increases above 25°c?
    ➢ What is the maximum allowable drain current for this jfet?
    ➢ What is the typical common-source forward transconductance (gfs) for the 2n5484 at a drain-source voltage of 15v?

  • Part No.2N5484
    ManufacturerCALOGIC
    Size23 Kbytes
    Pages2 pages
    DescriptionN-Channel JFET High Frequency Amplifier
    Datasheet Summary with AI

    # N-Channel JFET High Frequency Amplifier (2N5484 – 2N5486)

    ## Features

    ️· Up to 400MHz Operation
    ️· Economy Packaging
    ️· C rss <1.0pF

    ## Absolute Maximum Ratings (TA = 25°C)

    ️· Drain-Gate Voltage: 25V
    ️· Source-Gate Voltage: 15V
    ️· Drain Current: 30mA
    ️· Forward Gate Current: 10mA
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -55°C to +135°C
    ️· Lead Temperature (Soldering, 10sec): +300°C
    ️· Power Dissipation: 310mW (Derate to 2.82mW/°C above 25°C)

    ## Ordering Information

    ️· 2N5484-86: Plastic TO-92, -55°C to +135°C
    ️· X2N5484-86: Sorted chips in Carriers, -55°C to +135°C

    ## Electrical Characteristics (TA = 25°C)

    ️· IGSS (Gate Reverse Current): -1.0 nA (VGS = -20V, VDS = 0)
    ️· BVGSS (Gate-Source Breakdown Voltage): -25V (IG = -1µA, VDS = 0)
    ️· VGS(off) (Gate-Source Cutoff Voltage): -0.3V to -6.0V (VDS = 15V, ID = 10nA)
    ️· IDSS (Saturation Drain Current): 1.0mA to 20mA
    ️· gfs (Common-Source Forward Transconductance): 3000µS to 8000µS
    ️· gos (Common-Source Output Conductance): 50 to 75
    ️· Ciss (Common-Source Input Capacitance): 5.0pF
    ️· Crss (Common-Source Reverse Transfer Capacitance): 1.0
    ️· Coss (Common-Source Output Capacitance): 2.0
    ️· Noise Figure: 2.5 dB to 4.0 dB
    ️· Common-Source Power Gain: 16 to 30

    Notes:

    ️· Pulse test required.
    ️· Certain characteristics are for design reference only and not 100% tested.

    # N-Channel JFET High Frequency Amplifier (2N5484 – 2N5486)

    ## Features

    ️· Up to 400MHz Operation
    ️· Economy Packaging
    ️· C rss <1.0pF

    ## Absolute Maximum Ratings (TA = 25°C)

    ️· Drain-Gate Voltage: 25V
    ️· Source-Gate Voltage: 15V
    ️· Drain Current: 30mA
    ️· Forward Gate Current: 10mA
    ️· Storage Temperature Range: -65°C to +150°C
    ️· Operating Temperature Range: -55°C to +135°C
    ️· Lead Temperature (Soldering, 10sec): +300°C
    ️· Power Dissipation: 310mW (Derate to 2.82mW/°C above 25°C)

    ## Ordering Information

    ️· 2N5484-86: Plastic TO-92, -55°C to +135°C
    ️· X2N5484-86: Sorted chips in Carriers, -55°C to +135°C

    ## Electrical Characteristics (TA = 25°C)

    ️· IGSS (Gate Reverse Current): -1.0 nA (VGS = -20V, VDS = 0)
    ️· BVGSS (Gate-Source Breakdown Voltage): -25V (IG = -1µA, VDS = 0)
    ️· VGS(off) (Gate-Source Cutoff Voltage): -0.3V to -6.0V (VDS = 15V, ID = 10nA)
    ️· IDSS (Saturation Drain Current): 1.0mA to 20mA
    ️· gfs (Common-Source Forward Transconductance): 3000µS to 8000µS
    ️· gos (Common-Source Output Conductance): 50 to 75
    ️· Ciss (Common-Source Input Capacitance): 5.0pF
    ️· Crss (Common-Source Reverse Transfer Capacitance): 1.0
    ️· Coss (Common-Source Output Capacitance): 2.0
    ️· Noise Figure: 2.5 dB to 4.0 dB
    ️· Common-Source Power Gain: 16 to 30

    Notes:

    ️· Pulse test required.
    ️· Certain characteristics are for design reference only and not 100% tested.

    Part No.2N5484
    ManufacturerCALOGIC
    Size23 Kbytes
    Pages2 pages
    DescriptionN-Channel JFET High Frequency Amplifier