| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about J111 Datasheet
# Example questions:
➢ What is the maximum allowable gate current for this jfet switch?
➢ How does the drain saturation current (idss) change between the j111, j112, and j113 models?
➢ What is the typical drain source on resistance (rds(on)) when vds is 0.1v and vgs is 0v?
# N-Channel JFET Switch (J111 – J113 / SST111 – SST113)
## Features
️· Low Cost
️· Automated Insertion Package
️· Low Insertion Loss
️· No Offset or Error Voltage (Purely Resistive, High Isolation Resistance)
️· Fast Switching
️· Short Sample and Hold Aperture Time
## Applications
️· Analog Switches
️· Choppers
️· Commutators
## Absolute Maximum Ratings
️· Gate-Drain/Source Voltage: -35V
️· Gate Current: 50mA
️· Storage Temperature Range: -55°C to +150°C
️· Operating Temperature Range: -55°C to +135°C
️· Lead Temperature (Soldering): +300°C
️· Power Dissipation: 360mW (Derates to 3.3mW/°C above 25°C)
## Ordering Information
️· J111-113 & SST111-113: Plastic SOT-23 package (-55°C to +135°C)
## Electrical Characteristics (Typical)
️· IGSSR: -1nA (VDS = 0V, VGS = -15V)
️· VGS(off): -3 to -35V (VDS = 5V, ID = 1µA)
️· BVGSS: -35V (VDS = 0V, IG = -1µA)
️· IDSS: 2mA to 20A (VDS = 15V, VGS = 0V)
️· ID(off): 1nA (VDS = 5V, VGS = -10V)
️· rDS(on): 30Ω to 100Ω (VDS = 0.1V, VGS = 0V)
️· td(on): 7ns
️· tr: 6ns
️· td(off): 20ns
️· tf: 15ns
## Notes
️· IGSSR approximately doubles per 10°C increase in ambient temperature.
️· Pulse test duration: 300µs, duty cycle ≤3%.
️· Some parameters are for design reference only, not 100% tested.
# N-Channel JFET Switch (J111 – J113 / SST111 – SST113)
## Features
️· Low Cost
️· Automated Insertion Package
️· Low Insertion Loss
️· No Offset or Error Voltage (Purely Resistive, High Isolation Resistance)
️· Fast Switching
️· Short Sample and Hold Aperture Time
## Applications
️· Analog Switches
️· Choppers
️· Commutators
## Absolute Maximum Ratings
️· Gate-Drain/Source Voltage: -35V
️· Gate Current: 50mA
️· Storage Temperature Range: -55°C to +150°C
️· Operating Temperature Range: -55°C to +135°C
️· Lead Temperature (Soldering): +300°C
️· Power Dissipation: 360mW (Derates to 3.3mW/°C above 25°C)
## Ordering Information
️· J111-113 & SST111-113: Plastic SOT-23 package (-55°C to +135°C)
## Electrical Characteristics (Typical)
️· IGSSR: -1nA (VDS = 0V, VGS = -15V)
️· VGS(off): -3 to -35V (VDS = 5V, ID = 1µA)
️· BVGSS: -35V (VDS = 0V, IG = -1µA)
️· IDSS: 2mA to 20A (VDS = 15V, VGS = 0V)
️· ID(off): 1nA (VDS = 5V, VGS = -10V)
️· rDS(on): 30Ω to 100Ω (VDS = 0.1V, VGS = 0V)
️· td(on): 7ns
️· tr: 6ns
️· td(off): 20ns
️· tf: 15ns
## Notes
️· IGSSR approximately doubles per 10°C increase in ambient temperature.
️· Pulse test duration: 300µs, duty cycle ≤3%.
️· Some parameters are for design reference only, not 100% tested.
| Part No. | J111 |
| Manufacturer | CALOGIC |
| Size | 21 Kbytes |
| Pages | 1 page |
| Description | N-Channel JFET Switch |