전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S2A Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about S2A Datasheet

  • # Example questions: ➢ How does the operating temperature range affect the performance of these rectifiers?
    ➢ What is the maximum average forward rectified current for the s2b rectifier?
    ➢ Which material is used for the epoxy in the molded plastic case, and what is its flame retardant rating?

  • Part No.S2A
    ManufacturerDCCOM
    Size445 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
    Datasheet Summary with AI

    # Surface Mount Silicon Rectifier (S2A - S2M)

    ## Features

    ️· Glass passivated junction
    ️· Ideal for surface mount applications
    ️· Low leakage current
    ️· Epoxy: UL 94V- 0 flame retardant
    ️· Mounting position: Any

    ## Electrical Characteristics

    ️· Voltage Range: 50 - 1000 Volts
    ️· Current: 2.0 Amperes
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 50 - 1000 Volts (varies by model)
    ️· Maximum RMS Voltage (VRMS): 35 - 700 Volts (varies by model)
    ️· Maximum DC Blocking Voltage (VDC): 50 - 1000 Volts (varies by model)
    ️· Maximum Average Forward Rectified Current (IO): 2.0 Amps (at TA = 75°C)
    ️· Peak Forward Surge Current (IFSM): 60 Amps (8.3ms pulse)
    ️· Maximum Instantaneous Forward Voltage (VF): 1.1 Volts (at 2.0A DC)

    ️· Maximum DC Reverse Current (IR): 5.0 uAmps (@ 25°C), 100 uAmps (@ 100°C)
    ️· Maximum Reverse Recovery Time (trr): 2.5 uSec
    ️· Typical Junction Capacitance (CJ): 30 pF
    ️· Operating and Storage Temperature Range: -65°C to +175°C

    ## Mechanical Data

    ️· Case: Molded plastic
    ️· Weight: 0.093 gram
    ️· Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
    ️· Polarity: As marked
    ️· Thermal Resistance (Junction to Ambient): 20 °C/W (with 0.2x0.2in / 5x5mm copper pads)

    ## Notes

    ️· Junction Capacitance measured at 1 MHz with 4.0V reverse voltage.
    ️· Current derating required for capacitive loads (20% reduction).

    # Surface Mount Silicon Rectifier (S2A - S2M)

    ## Features

    ️· Glass passivated junction
    ️· Ideal for surface mount applications
    ️· Low leakage current
    ️· Epoxy: UL 94V- 0 flame retardant
    ️· Mounting position: Any

    ## Electrical Characteristics

    ️· Voltage Range: 50 - 1000 Volts
    ️· Current: 2.0 Amperes
    ️· Maximum Recurrent Peak Reverse Voltage (VRRM): 50 - 1000 Volts (varies by model)
    ️· Maximum RMS Voltage (VRMS): 35 - 700 Volts (varies by model)
    ️· Maximum DC Blocking Voltage (VDC): 50 - 1000 Volts (varies by model)
    ️· Maximum Average Forward Rectified Current (IO): 2.0 Amps (at TA = 75°C)
    ️· Peak Forward Surge Current (IFSM): 60 Amps (8.3ms pulse)
    ️· Maximum Instantaneous Forward Voltage (VF): 1.1 Volts (at 2.0A DC)
    ️· Maximum DC Reverse Current (IR): 5.0 uAmps (@ 25°C), 100 uAmps (@ 100°C)
    ️· Maximum Reverse Recovery Time (trr): 2.5 uSec
    ️· Typical Junction Capacitance (CJ): 30 pF
    ️· Operating and Storage Temperature Range: -65°C to +175°C

    ## Mechanical Data

    ️· Case: Molded plastic
    ️· Weight: 0.093 gram
    ️· Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
    ️· Polarity: As marked
    ️· Thermal Resistance (Junction to Ambient): 20 °C/W (with 0.2x0.2in / 5x5mm copper pads)

    ## Notes

    ️· Junction Capacitance measured at 1 MHz with 4.0V reverse voltage.
    ️· Current derating required for capacitive loads (20% reduction).

    Part No.S2A
    ManufacturerDCCOM
    Size445 Kbytes
    Pages2 pages
    DescriptionTECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER