| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RC3216J680CS Datasheet
# Example questions:
➢ If a resistor with a value of 4222 is used, what is its actual resistance value in ohms?
➢ How does the temperature coefficient of resistance (t.c.r) change based on the resistance value, and what are the values for resistors between 10ω and 1mω?
➢ What is the overall dimension of the resistor, specifically the length, width, and thickness?
# Samsung Thick Film Chip Resistor - RC3216J***CS
## Specifications
· Supplier: Samsung electro-mechanics
· Part Number: RC3216J***CS
· Product: Thick-Film Chip Resistor
· Description: 3216 package size, ±5% tolerance, 1Ω ~ 10㏁ resistance, 1/4W power rating.
· Dimensions: 3.2 x 1.6 x 0.55 mm (L x W x T)
## Resistance Value & Coding
· 3-Digit Code: First two digits represent resistance value, last digit is exponent of 10 (e.g., 101 = 10 x 10¹ = 100Ω)
· 4-Digit Code: First three digits represent resistance value, last digit is exponent of 10 (e.g., 4222 = 422 x 10² = 42.2㏀)
· Jumper: "R" denotes 0Ω (jumper)
## Reliability & Testing
· Temperature Coefficient:
- 1Ω ≤ R < 10Ω: +300/-200 ppm/℃
- 10Ω ≤ R ≤ 1MΩ: ±100 ppm/℃ (±250ppm for 0603)
- 1MΩ < R ≤ 10MΩ: ±300 ppm/℃
· Tests Include: Direct current resistance, short-time overload, intermittent overload, dielectric withstanding voltage, insulation resistance, solderability, bending, adhesive strength, resistance to soldering heat, anti-vibration, temperature cycle, load life, low/high temperature exposure, moisture resistance.
## Soldering Recommendations
· Reflow Soldering: Peak temperature 260+0/-5℃, maximum 10 seconds.
# Samsung Thick Film Chip Resistor - RC3216J***CS
## Specifications
· Supplier: Samsung electro-mechanics
· Part Number: RC3216J***CS
· Product: Thick-Film Chip Resistor
· Description: 3216 package size, ±5% tolerance, 1Ω ~ 10㏁ resistance, 1/4W power rating.
· Dimensions: 3.2 x 1.6 x 0.55 mm (L x W x T)
## Resistance Value & Coding
· 3-Digit Code: First two digits represent resistance value, last digit is exponent of 10 (e.g., 101 = 10 x 10¹ = 100Ω)
· 4-Digit Code: First three digits represent resistance value, last digit is exponent of 10 (e.g., 4222 = 422 x 10² = 42.2㏀)
· Jumper: "R" denotes 0Ω (jumper)
## Reliability & Testing
· Temperature Coefficient:
- 1Ω ≤ R < 10Ω: +300/-200 ppm/℃
- 10Ω ≤ R ≤ 1MΩ: ±100 ppm/℃ (±250ppm for 0603)
- 1MΩ < R ≤ 10MΩ: ±300 ppm/℃
· Tests Include: Direct current resistance, short-time overload, intermittent overload, dielectric withstanding voltage, insulation resistance, solderability, bending, adhesive strength, resistance to soldering heat, anti-vibration, temperature cycle, load life, low/high temperature exposure, moisture resistance.
## Soldering Recommendations
· Reflow Soldering: Peak temperature 260+0/-5℃, maximum 10 seconds.
| Part No. | RC3216J680CS |
| Manufacturer | SAMSUNG |
| Size | 82 Kbytes |
| Pages | 2 pages |
| Description | Supplier Samsung electro-mechanics |