전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RL151G Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RL151G Datasheet

  • # Example questions: ➢ What are the physical dimensions of the do-15 case, specifically the minimum and maximum values for dimension 'b'?
    ➢ How does the maximum dc reverse current change with temperature, specifically at tj=25 and tj=100?
    ➢ What is the maximum repetitive peak reverse voltage for the rl153g rectifier?

  • Part No.RL151G
    ManufacturerGOOD-ARK
    Size45 Kbytes
    Pages2 pages
    DescriptionGLASS PASSIVATED JUNCTION RECTIFIER
    Datasheet Summary with AI

    # RL151G - RL157G Rectifier

    ## General Description

    ️· Glass passivated junction rectifier
    ️· Reverse Voltage: 50 to 1000 Volts
    ️· Forward Current: 1.5 Amperes
    ️· Plastic package, UL94V-0 flammability classification
    ️· Operating junction and storage temperature range: -55 to +150 °C

    ## Electrical Characteristics

    Parameter RL151G RL152G RL153G RL154G RL155G RL156G RL157G Units
    Maximum repetitive peak reverse voltage (VRRM) 50 100 200 400 600 800 1000 Volts
    Maximum RMS voltage (VRMS) 35 70 140 280 420 560 700 Volts
    Maximum DC blocking voltage (VDC) 50 100 200 400 600 800 1000 Volts
    Maximum average forward rectified current (0.375" lead length @ 55°C) (I(AV)) 1.5 1.5 1.5 1.5 1.5 1.5 1.5 Amps
    Peak forward surge current (8.3ms) (IFSM) 50.0 50.0 50.0 50.0 50.0 50.0 50.0 Amps
    Max. forward voltage at 1.5A (VF) 1.1 1.1 1.1 1.1 1.1 1.1 1.1 Volts
    Max. DC reverse current @ rated DC blocking voltage (TJ=25, TJ=100) (IR) 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 A
    Typical junction capacitance (CJ) 25.0 25.0 25.0 25.0 25.0 25.0 25.0 F
    Typical thermal resistance (RJA) 45.0 45.0 45.0 45.0 45.0 45.0 45.0 /W

    ## Mechanical Data

    ️· Case: Molded plastic, DO-15
    ️· Terminals: Axial leads, solderable per MIL-STD-202, method 208
    ️· Polarity: Color band denotes cathode
    ️· Weight: 0.014 ounce, 0.395 gram

    ## Dimensions (inches/mm)

    Dimension Min. (inches/mm) Max. (inches/mm)
    A 0.228/5.8 0.299/7.6
    B 0.102/2.6 0.142/3.6
    C 0.028/0.71 0.034/0.86
    D 1.000/25.40 -

    ## Notes

    ️· Current derate by 20% for capacitive loads.
    ️· For capacitive load, current must be derated by 20%.

    # RL151G - RL157G Rectifier

    ## General Description

    ️· Glass passivated junction rectifier
    ️· Reverse Voltage: 50 to 1000 Volts
    ️· Forward Current: 1.5 Amperes
    ️· Plastic package, UL94V-0 flammability classification
    ️· Operating junction and storage temperature range: -55 to +150 °C

    ## Electrical Characteristics

    Parameter RL151G RL152G RL153G RL154G RL155G RL156G RL157G Units
    Maximum repetitive peak reverse voltage (VRRM) 50 100 200 400 600 800 1000 Volts
    Maximum RMS voltage (VRMS) 35 70 140 280 420 560 700 Volts
    Maximum DC blocking voltage (VDC) 50 100 200 400 600 800 1000 Volts
    Maximum average forward rectified current (0.375" lead length @ 55°C) (I(AV)) 1.5 1.5 1.5 1.5 1.5 1.5 1.5 Amps
    Peak forward surge current (8.3ms) (IFSM) 50.0 50.0 50.0 50.0 50.0 50.0 50.0 Amps
    Max. forward voltage at 1.5A (VF) 1.1 1.1 1.1 1.1 1.1 1.1 1.1 Volts
    Max. DC reverse current @ rated DC blocking voltage (TJ=25, TJ=100) (IR) 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 5.0/125.0 A
    Typical junction capacitance (CJ) 25.0 25.0 25.0 25.0 25.0 25.0 25.0 F
    Typical thermal resistance (RJA) 45.0 45.0 45.0 45.0 45.0 45.0 45.0 /W

    ## Mechanical Data

    ️· Case: Molded plastic, DO-15
    ️· Terminals: Axial leads, solderable per MIL-STD-202, method 208
    ️· Polarity: Color band denotes cathode
    ️· Weight: 0.014 ounce, 0.395 gram

    ## Dimensions (inches/mm)

    Dimension Min. (inches/mm) Max. (inches/mm)
    A 0.228/5.8 0.299/7.6
    B 0.102/2.6 0.142/3.6
    C 0.028/0.71 0.034/0.86
    D 1.000/25.40 -

    ## Notes

    ️· Current derate by 20% for capacitive loads.
    ️· For capacitive load, current must be derated by 20%.

    Part No.RL151G
    ManufacturerGOOD-ARK
    Size45 Kbytes
    Pages2 pages
    DescriptionGLASS PASSIVATED JUNCTION RECTIFIER