전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LRC20L-R47M-RC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LRC20L-R47M-RC Datasheet

  • # Example questions: ➢ What is the maximum operating temperature for these chip inductors?
    ➢ What is the pre-heat temperature and duration required for soldering these components?
    ➢ What is the inductance tolerance for all listed inductor values?

  • Part No.LRC20L-R47M-RC
    ManufacturerALLIED
    Size705 Kbytes
    Pages1 page
    DescriptionLow Resistance Chip Inductors
    Datasheet Summary with AI

    # LRC20L Chip Inductors

    ## Features

    · Miniature SMT wire-wound inductors with low DCR, high current capacity, and high impedance characteristics.
    · Excellent solder heat resistance for flow and reflow soldering methods.
    · Suitable for DC/DC converters and DC power supply circuits.

    ## Electrical Specifications

    · Inductance Range: 0.15µH to 10µH
    · Tolerance: 20%
    · Test Frequency: 1 MHz (HP4192)
    · Operating Temperature: -25°C to +85°C

    ## Physical Specifications

    · Packaging: 2000 pieces per 7-inch reel

    ## Resistance to Soldering Heat

    · Preheat: 150°C ± 10°C / 1-2 minutes
    · Solder Temperature: 260°C ± 5°C for 10 seconds ± 1 second

    ## Rated Current

    · Based on temperature rise not exceeding 35°C
    · Typical inductance drop of 10%

    ## Part Number and Performance Table

    Allied Part Number Inductance (µH) Tolerance (%) Test Frequency (MHz) SRF Min. (MHz) RDC (Ω) +/-30% Rated Current (A)
    LRC20L-R15M-RC 0.15 20 1 400 0.028 1.45
    LRC20L-R27M-RC 0.27 20 1 250 0.034 1.25
    LRC20L-1R0M-RC 1.0 20 1 100 0.060 1.00
    LRC20L-2R2M-RC 2.2 20 1 64 0.097 0.79
    LRC20L-4R7M-RC 4.7 20 1 43 0.150 0.65
    LRC20L-100M-RC 10 20 1 26 0.30 0.45
    LRC20L-R47M-RC 0.47 20 1 150 0.042 1.10
    LRC20L-1R5M-RC 1.5 20 1 85 0.063 0.90
    LRC20L-3R3M-RC 3.3 20 1 55 0.130 0.70
    LRC20L-6R8M-RC 6.8 20 1 30 0.210 0.60

    # LRC20L Chip Inductors

    ## Features

    · Miniature SMT wire-wound inductors with low DCR, high current capacity, and high impedance characteristics.
    · Excellent solder heat resistance for flow and reflow soldering methods.
    · Suitable for DC/DC converters and DC power supply circuits.

    ## Electrical Specifications

    · Inductance Range: 0.15µH to 10µH
    · Tolerance: 20%
    · Test Frequency: 1 MHz (HP4192)
    · Operating Temperature: -25°C to +85°C

    ## Physical Specifications

    · Packaging: 2000 pieces per 7-inch reel

    ## Resistance to Soldering Heat

    · Preheat: 150°C ± 10°C / 1-2 minutes
    · Solder Temperature: 260°C ± 5°C for 10 seconds ± 1 second

    ## Rated Current

    · Based on temperature rise not exceeding 35°C
    · Typical inductance drop of 10%

    ## Part Number and Performance Table

    Allied Part Number Inductance (µH) Tolerance (%) Test Frequency (MHz) SRF Min. (MHz) RDC (Ω) +/-30% Rated Current (A)
    LRC20L-R15M-RC 0.15 20 1 400 0.028 1.45
    LRC20L-R27M-RC 0.27 20 1 250 0.034 1.25
    LRC20L-1R0M-RC 1.0 20 1 100 0.060 1.00
    LRC20L-2R2M-RC 2.2 20 1 64 0.097 0.79
    LRC20L-4R7M-RC 4.7 20 1 43 0.150 0.65
    LRC20L-100M-RC 10 20 1 26 0.30 0.45
    LRC20L-R47M-RC 0.47 20 1 150 0.042 1.10
    LRC20L-1R5M-RC 1.5 20 1 85 0.063 0.90
    LRC20L-3R3M-RC 3.3 20 1 55 0.130 0.70
    LRC20L-6R8M-RC 6.8 20 1 30 0.210 0.60

    Part No.LRC20L-R47M-RC
    ManufacturerALLIED
    Size705 Kbytes
    Pages1 page
    DescriptionLow Resistance Chip Inductors