| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HM572RD10 Datasheet
# Example questions:
➢ What is the typical current consumption for this oscillator when operating at a frequency between 50.1 and 100.0 mhz?
➢ What does the 'r' designation in the characteristic group signify, and where can i find more detailed information about the different characteristic groups?
➢ How does the storage temperature range affect the oscillator's performance, and what are the minimum and maximum temperatures it can withstand?
# HM572 Series Low EMI Clock Oscillator
## Features
· Ultra-small SMD package (7.0 x 5.0 x 1.4 mm)
· Spread spectrum design (-1.0% down spread)
· Low EMI (-9 dBc reduction)
· CMOS output
· Tri-state function on pad No.1
## Applications
· Printers, digital copiers, PDAs
· Automotive GPS systems
· Networking equipment (LAN/WAN, Routers)
· LCD monitors/TVs
· Storage systems (CD-ROM, VCD, DVD, HDD)
· ADSL, PCMCIA, scanners, modems, projectors
· Digital cameras
## General Specifications
Electrical Characteristics
· Input Voltage (VDD): 3.3 V D.C. ± 5 %
· Frequency Range: 3.5 MHz - 165.0 MHz
· Output Waveform: CMOS
· Output Logic High: 2.4V (min.), 3.2V (typ.) (at 90% VDD)
· Output Logic Low: 0.5V (max.), 0.2V (typ.) (at 10% VDD)
· Output Load: 15 pF
· Rise/Fall Time: 4 ns (max.)
· Modulation Carrier Frequency (Dither Rate): 6.9 kHz - 55.5 kHz (frequency-dependent)
· Duty Cycle: 50% ± 5%
· Current Consumption:
- 3.5 - 50.0 MHz: 10 mA (typ.)
- 50.1 - 100.0 MHz: 18 mA (typ.)
- 100.1 - 165.0 MHz: 35 mA (typ.)
· Cycle-to-Cycle Jitter: ±250 ps (typical), ±300 ps (max.)
· Start-Up Time: 2.0 ms (typical), 5.0 ms (max.)
· Aging: ±5 ppm per year (max.) at 25°C
· Frequency Stability:
- Commercial Range (-10°C to +70°C): Codes A, B, C
- Industrial Range (-40°C to +85°C): Codes D, E, F
## Contact Information
· Taiwan: (886)-2-2406-2779 / sales-tw@mercury-crystal.com
· U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com
· China: (86)-512-5763-8100 / sales-cn@mecxtal.com
# HM572 Series Low EMI Clock Oscillator
## Features
· Ultra-small SMD package (7.0 x 5.0 x 1.4 mm)
· Spread spectrum design (-1.0% down spread)
· Low EMI (-9 dBc reduction)
· CMOS output
· Tri-state function on pad No.1
## Applications
· Printers, digital copiers, PDAs
· Automotive GPS systems
· Networking equipment (LAN/WAN, Routers)
· LCD monitors/TVs
· Storage systems (CD-ROM, VCD, DVD, HDD)
· ADSL, PCMCIA, scanners, modems, projectors
· Digital cameras
## General Specifications
Electrical Characteristics
· Input Voltage (VDD): 3.3 V D.C. ± 5 %
· Frequency Range: 3.5 MHz - 165.0 MHz
· Output Waveform: CMOS
· Output Logic High: 2.4V (min.), 3.2V (typ.) (at 90% VDD)
· Output Logic Low: 0.5V (max.), 0.2V (typ.) (at 10% VDD)
· Output Load: 15 pF
· Rise/Fall Time: 4 ns (max.)
· Modulation Carrier Frequency (Dither Rate): 6.9 kHz - 55.5 kHz (frequency-dependent)
· Duty Cycle: 50% ± 5%
· Current Consumption:
- 3.5 - 50.0 MHz: 10 mA (typ.)
- 50.1 - 100.0 MHz: 18 mA (typ.)
- 100.1 - 165.0 MHz: 35 mA (typ.)
· Cycle-to-Cycle Jitter: ±250 ps (typical), ±300 ps (max.)
· Start-Up Time: 2.0 ms (typical), 5.0 ms (max.)
· Aging: ±5 ppm per year (max.) at 25°C
· Frequency Stability:
- Commercial Range (-10°C to +70°C): Codes A, B, C
- Industrial Range (-40°C to +85°C): Codes D, E, F
## Contact Information
· Taiwan: (886)-2-2406-2779 / sales-tw@mercury-crystal.com
· U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com
· China: (86)-512-5763-8100 / sales-cn@mecxtal.com
| Part No. | HM572RD10 |
| Manufacturer | MERCURY |
| Size | 121 Kbytes |
| Pages | 1 page |
| Description | Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units. |