전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

10A05 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 10A05_15 Datasheet

  • # Example questions: ➢ What is the maximum average forward rectified current that the 10a10 rectifier can handle?
    ➢ What is the typical junction capacitance for all rectifier types listed?
    ➢ What is the operating junction and storage temperature range for all rectifier types specified in the datasheet?

  • Part No.10A05_15
    ManufacturerDACHANG
    Size117 Kbytes
    Pages2 pages
    DescriptionGeneral Purpose Plastic Rectifier
    Datasheet Summary with AI

    # SIYU R 10A05......10A10

    ## 普通塑封整流二极管

    · Reverse Voltage: 50--1000V
    · Forward Current: 10 A

    ## General Purpose Plastic Rectifier

    · Reverse Voltage: 50 to 1000 V
    · Forward Current: 10 A

    ## Features

    · Low reverse leakage
    · High forward surge capability
    · High temperature soldering guaranteed: 260℃/10 秒, 0.375" (9.5mm) 引线长度
    · Lead tension: 5 lbs. (2.3kg)
    · Lead and body conform to RoHS standard

    ## Mechanical Data

    · Terminals: Plated axial leads
    · Polarity: Color band denotes cathode end
    · Mounting Position: Any

    ## Maximum Ratings & Thermal Characteristics (TA = 25℃ unless otherwise specified)

    |Symbol|Repetitive Peak Reverse Voltage (VRRM)|Peak Reverse Voltage (VRWM)|Non-Repetitive Peak Reverse Voltage (VRSM)|Average Forward Rectified Current (IF(AV))|Peak Forward Surge Current (IFSM)|Thermal Resistance (RθJA)|Junction/Storage Temperature Range (Tj,TSTG)|Unit
    |10A05|50|49|50|10|400|10| -55 to +150|V
    |10A1|100|70|100|10|400|10| -55 to +150|V
    |10A2|200|140|200|10|400|10| -55 to +150|V
    |10A4|400|280|400|10|400|10| -55 to +150|V
    |10A6|600|420|600|10|400|10| -55 to +150|V
    |10A8|800|560|800|10|400|10| -55 to +150|V
    |10A10|1000|700|1000|10|400|10| -55 to +150|V

    ## Electrical Characteristics (TA = 25℃ unless otherwise specified)

    |Symbol|Condition|10A05|10A1|10A2|10A4|10A6|10A8|10A10|Unit
    |Maximum Forward Voltage (IF = 10A)|VF|1.1|1.1|1.1|1.1|1.1|1.1|1.1|V
    |Maximum Reverse Current (TA = 25℃, TA = 100℃)|IR|10, 100|10, 100|10, 100|10, 100|10, 100|10, 100|10, 100|μA
    |Typical Junction Capacitance (VR = 4.0V, f = 1MHz)|Cj|150|150|150|150|150|150|150|pF



    ## Characteristic Curves

    · Forward Characteristic Curve (Typical)
    · Forward Current Derating Curve
    · Maximum Non-Repetitive Peak Forward Surge Current Curve

    # SIYU R 10A05......10A10

    ## 普通塑封整流二极管

    · Reverse Voltage: 50--1000V
    · Forward Current: 10 A

    ## General Purpose Plastic Rectifier

    · Reverse Voltage: 50 to 1000 V
    · Forward Current: 10 A

    ## Features

    · Low reverse leakage
    · High forward surge capability
    · High temperature soldering guaranteed: 260℃/10 秒, 0.375" (9.5mm) 引线长度
    · Lead tension: 5 lbs. (2.3kg)
    · Lead and body conform to RoHS standard

    ## Mechanical Data

    · Terminals: Plated axial leads
    · Polarity: Color band denotes cathode end
    · Mounting Position: Any

    ## Maximum Ratings & Thermal Characteristics (TA = 25℃ unless otherwise specified)

    |Symbol|Repetitive Peak Reverse Voltage (VRRM)|Peak Reverse Voltage (VRWM)|Non-Repetitive Peak Reverse Voltage (VRSM)|Average Forward Rectified Current (IF(AV))|Peak Forward Surge Current (IFSM)|Thermal Resistance (RθJA)|Junction/Storage Temperature Range (Tj,TSTG)|Unit
    |10A05|50|49|50|10|400|10| -55 to +150|V
    |10A1|100|70|100|10|400|10| -55 to +150|V
    |10A2|200|140|200|10|400|10| -55 to +150|V
    |10A4|400|280|400|10|400|10| -55 to +150|V
    |10A6|600|420|600|10|400|10| -55 to +150|V
    |10A8|800|560|800|10|400|10| -55 to +150|V
    |10A10|1000|700|1000|10|400|10| -55 to +150|V

    ## Electrical Characteristics (TA = 25℃ unless otherwise specified)

    |Symbol|Condition|10A05|10A1|10A2|10A4|10A6|10A8|10A10|Unit
    |Maximum Forward Voltage (IF = 10A)|VF|1.1|1.1|1.1|1.1|1.1|1.1|1.1|V
    |Maximum Reverse Current (TA = 25℃, TA = 100℃)|IR|10, 100|10, 100|10, 100|10, 100|10, 100|10, 100|10, 100|μA
    |Typical Junction Capacitance (VR = 4.0V, f = 1MHz)|Cj|150|150|150|150|150|150|150|pF



    ## Characteristic Curves

    · Forward Characteristic Curve (Typical)
    · Forward Current Derating Curve
    · Maximum Non-Repetitive Peak Forward Surge Current Curve

    Part No.10A05_15
    ManufacturerDACHANG
    Size117 Kbytes
    Pages2 pages
    DescriptionGeneral Purpose Plastic Rectifier
    개인정보취급방침
    ALLDATASHEET.CO.KR
    ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

    Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색