전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CR2-005 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CR2-005 Datasheet

  • # Example questions: ➢ What is the range of junction and storage temperatures for this rectifier?
    ➢ What is the peak repetitive reverse voltage for the cr2-100 rectifier?
    ➢ What is the maximum average forward current this rectifier can handle at a case temperature of 50°c?

  • Part No.CR2-005
    ManufacturerCENTRAL
    Size380 Kbytes
    Pages2 pages
    DescriptionSILICON RECTIFIERS
    Datasheet Summary with AI

    # CR2-005 THRU CR2-150 Silicon Rectifiers

    ## General Description

    · 2.0 Amp silicon rectifier series
    · Designed for military, commercial, industrial, entertainment, computer, and automotive applications
    · Universal replacement for other rectifiers

    ## Features

    · Average forward current: 2.0 Amp @ 50°C
    · Surge current: 50 Amp
    · DO-15 case

    ## Maximum Ratings

    · Peak Repetitive Reverse Voltage (VRRM): 50V - 1500V (various options)
    · DC Blocking Voltage (VR): 50V - 1500V (various options)
    · RMS Reverse Voltage (VR(RMS)): 35V - 1050V (various options)
    · Average Forward Current (IO): 2.0 A

    · Peak Forward Surge Current (IFSM): 50 A
    · Junction/Storage Temperature: -65°C to +175°C

    ## Electrical Characteristics

    · Reverse Leakage Current (IR): 5.0 μA (at rated VRRM)
    · Forward Voltage (VF): 1.2V (at IF=2.0A)

    ## Marking

    · Full part number

    # CR2-005 THRU CR2-150 Silicon Rectifiers

    ## General Description

    · 2.0 Amp silicon rectifier series
    · Designed for military, commercial, industrial, entertainment, computer, and automotive applications
    · Universal replacement for other rectifiers

    ## Features

    · Average forward current: 2.0 Amp @ 50°C
    · Surge current: 50 Amp
    · DO-15 case

    ## Maximum Ratings

    · Peak Repetitive Reverse Voltage (VRRM): 50V - 1500V (various options)
    · DC Blocking Voltage (VR): 50V - 1500V (various options)
    · RMS Reverse Voltage (VR(RMS)): 35V - 1050V (various options)
    · Average Forward Current (IO): 2.0 A
    · Peak Forward Surge Current (IFSM): 50 A
    · Junction/Storage Temperature: -65°C to +175°C

    ## Electrical Characteristics

    · Reverse Leakage Current (IR): 5.0 μA (at rated VRRM)
    · Forward Voltage (VF): 1.2V (at IF=2.0A)

    ## Marking

    · Full part number

    Part No.CR2-005
    ManufacturerCENTRAL
    Size380 Kbytes
    Pages2 pages
    DescriptionSILICON RECTIFIERS
    개인정보취급방침
    ALLDATASHEET.CO.KR
    ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

    Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색