전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX5141 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MAX5141 Datasheet

  • # Example questions: ➢ What are the values and types of capacitors suggested, and what purpose does each serve?
    ➢ What is the primary difference in the clearing behavior of the max5141/max5143 compared to the max5142/max5144 when a logic low pulse is applied to the clr pin?
    ➢ What is the recommended maximum input impedance for the external voltage reference to maintain 14-bit accuracy, and why is this important?

  • Part No.MAX5141
    ManufacturerMAXIM
    Size410 Kbytes
    Pages12 pages
    Description+3V/+5V, Serial-Input, Voltage-Output, 14-Bit DACs
    Datasheet Summary with AI

    1. General Description & Functionality

    ️· What they are: Voltage-output, 14-bit digital-to-analog converters (DACs).
    ️· Key Features:
    - Full 14-bit performance (less than 1 LSB integral and differential linearity error).
    - Serial data interface (minimizes pin count).
    - Compatible with SPI/QSPI/MICROWIRE interfaces.
    - Asynchronous clear function.
    - Power-on reset function ensures predictable initial state.
    ️· Models: MAX5141, MAX5142, MAX5143, MAX5144. The key differences are in the clear functionality (code 0 vs. code 8192) and the options for bipolar output.

    2. Digital Interface

    ️· Serial Communication: Uses a 3-wire interface (CS, SCLK, DIN).
    ️· Chip Select (CS): Frames the serial data. Data is latched on the rising edge of SCLK after CS goes low.
    ️· Serial Clock (SCLK): Synchronizes data input. Duty cycle must be between 50%.
    ️· Data Input (DIN): Receives serial data. Requires 16 bits (14 data bits + 2 zero sub-bits).
    ️· Data Transfer: 16 bits of data must be transferred after the CS goes low.

    3. Clearing the DAC

    ️· CLR Input: A logic-low pulse on the CLR input clears the DAC.
    - MAX5141/MAX5143: Clears to code 0.
    - MAX5142/MAX5144: Clears to code 8192.

    4. Reference & Power

    ️· Reference Voltage: Operates with external voltage references from +2V to VDD (supply voltage).
    ️· Supply Voltage:
    - MAX5143/MAX5144: +3V
    - MAX5141/MAX5142: +5V
    ️· Reference Considerations: Reference voltage should ideally have a temperature coefficient of < 0.5 ppm/°C. Low impedance reference is critical for performance.

    5. Applications and Considerations

    ️· Bipolar Operation: The MAX5142 and MAX5144 have matched bipolar offset resistors for use with external op-amps.
    ️· Reference Impedance: The input resistance seen by the reference voltage is code-dependent and varies. Maintaining a low-impedance reference is important to prevent errors.
    ️· Bypassing: Ceramic capacitors are recommended for high frequency bypassing of the reference voltage, and a low-ESR capacitor for low-frequency bypassing.

    6. Pin Descriptions (Key Ones)

    ️· REF: Voltage Reference Input
    ️· CS: Chip Select Input
    ️· SCLK: Serial Clock Input
    ️· DIN: Serial Data Input
    ️· CLR: Clear Input
    ️· OUT: DAC Output Voltage
    ️· INV/RFB: Connections used for external op amp in bipolar output configuration.
    ️· VDD/GND: Supply voltage and ground.

    1. General Description & Functionality

    ️· What they are: Voltage-output, 14-bit digital-to-analog converters (DACs).
    ️· Key Features:
    - Full 14-bit performance (less than 1 LSB integral and differential linearity error).
    - Serial data interface (minimizes pin count).
    - Compatible with SPI/QSPI/MICROWIRE interfaces.
    - Asynchronous clear function.
    - Power-on reset function ensures predictable initial state.
    ️· Models: MAX5141, MAX5142, MAX5143, MAX5144. The key differences are in the clear functionality (code 0 vs. code 8192) and the options for bipolar output.

    2. Digital Interface

    ️· Serial Communication: Uses a 3-wire interface (CS, SCLK, DIN).
    ️· Chip Select (CS): Frames the serial data. Data is latched on the rising edge of SCLK after CS goes low.
    ️· Serial Clock (SCLK): Synchronizes data input. Duty cycle must be between 50%.
    ️· Data Input (DIN): Receives serial data. Requires 16 bits (14 data bits + 2 zero sub-bits).
    ️· Data Transfer: 16 bits of data must be transferred after the CS goes low.

    3. Clearing the DAC

    ️· CLR Input: A logic-low pulse on the CLR input clears the DAC.
    - MAX5141/MAX5143: Clears to code 0.
    - MAX5142/MAX5144: Clears to code 8192.

    4. Reference & Power

    ️· Reference Voltage: Operates with external voltage references from +2V to VDD (supply voltage).
    ️· Supply Voltage:
    - MAX5143/MAX5144: +3V
    - MAX5141/MAX5142: +5V
    ️· Reference Considerations: Reference voltage should ideally have a temperature coefficient of < 0.5 ppm/°C. Low impedance reference is critical for performance.

    5. Applications and Considerations

    ️· Bipolar Operation: The MAX5142 and MAX5144 have matched bipolar offset resistors for use with external op-amps.
    ️· Reference Impedance: The input resistance seen by the reference voltage is code-dependent and varies. Maintaining a low-impedance reference is important to prevent errors.
    ️· Bypassing: Ceramic capacitors are recommended for high frequency bypassing of the reference voltage, and a low-ESR capacitor for low-frequency bypassing.

    6. Pin Descriptions (Key Ones)

    ️· REF: Voltage Reference Input
    ️· CS: Chip Select Input
    ️· SCLK: Serial Clock Input
    ️· DIN: Serial Data Input
    ️· CLR: Clear Input
    ️· OUT: DAC Output Voltage
    ️· INV/RFB: Connections used for external op amp in bipolar output configuration.
    ️· VDD/GND: Supply voltage and ground.

    Part No.MAX5141
    ManufacturerMAXIM
    Size410 Kbytes
    Pages12 pages
    Description+3V/+5V, Serial-Input, Voltage-Output, 14-Bit DACs