전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMDA03-6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SMDA03-6 Datasheet

  • # Example questions: ➢ How does the standoff voltage (vwm) influence the selection of the appropriate tvs array for a given circuit?
    ➢ What is the maximum peak pulse power this tvs array can withstand, and for what pulse duration is this rating valid?
    ➢ What is the operating temperature range for this tvs array, and is the storage temperature range the same?

  • Part No.SMDA03-6
    ManufacturerMCC
    Size131 Kbytes
    Pages2 pages
    DescriptionTVSarray Series
    Datasheet Summary with AI

    SMDAXX-6 TVS Transient Voltage Suppressor Array

    Description
    ️· SO-8 surface mount array protects up to 6 unidirectional data/interface lines.
    ️· Designed for board-level protection against ESD (IEC 1000-4-2), EFT (IEC 1000-4-4), and secondary lighting effects.
    ️· Suitable for TTL, CMOS DRAMs, SRAMs, HCMOS, HSIC microprocessors, and I/O transceivers.

    Features

    · Protects 6 unidirectional lines
    · Surge protection per IEC 1000-4-2, IEC 1000-4-4
    · Peak pulse power: 300 Watts (8/20 µsec)
    · Operating Temperatures: -55°C to +150°C
    · EIA Standard 481-1-A Tape & Reel (optional)
    · Carrier tubes: 95 pcs per standard

    Electrical Characteristics (per line)

    | Part Number | Stand-off Voltage (VWM) | Breakdown Voltage (VBR) @ 1mA | Clamping Voltage (VC) @ 1A | Clamping Voltage (VC) @ 5A | Leakage Current (ID) @ VWM | Capacitance (f=1 MHz) | Temperature Coefficient of VBR |
    |---|---|---|---|---|---|---|---|

    | SMDA03-6 | 3.3 - 4 | 7 - 9 | 200 | 800 | -3 |
    | SMDA05-6 | 5.0 - 6.0 | 9.8 - 11 | 20 | 550 | 3 |
    | SMDA12-6 | 12.0 - 13.3 | 19.0 - 24 | 185 | 10 |
    | SMDA15-6 | 15.0 - 16.7 | 24.0 - 30 | 140 | 13 |
    | SMDA24-6 | 24.0 - 26.7 | 43.0 - 55 | 88 | 30 |

    Note: Select product with VWM equal to or greater than the circuit's continuous peak operating voltage.

    Mechanical Details

    ️· Weight: 0.066 grams (approximate)
    ️· Marking: Logo, device number, date code
    ️· Pin #1 identified by DOT on top of package

    Packaging

    ️· Tape & Reel (EIA Standard 481-1-A) - 2,500 pieces
    ️· Carrier tubes: 95 pcs per standard

    SMDAXX-6 TVS Transient Voltage Suppressor Array

    Description
    ️· SO-8 surface mount array protects up to 6 unidirectional data/interface lines.
    ️· Designed for board-level protection against ESD (IEC 1000-4-2), EFT (IEC 1000-4-4), and secondary lighting effects.
    ️· Suitable for TTL, CMOS DRAMs, SRAMs, HCMOS, HSIC microprocessors, and I/O transceivers.

    Features

    · Protects 6 unidirectional lines
    · Surge protection per IEC 1000-4-2, IEC 1000-4-4
    · Peak pulse power: 300 Watts (8/20 µsec)
    · Operating Temperatures: -55°C to +150°C
    · EIA Standard 481-1-A Tape & Reel (optional)
    · Carrier tubes: 95 pcs per standard

    Electrical Characteristics (per line)

    Part Number Stand-off Voltage (VWM) Breakdown Voltage (VBR) @ 1mA Clamping Voltage (VC) @ 1A Clamping Voltage (VC) @ 5A Leakage Current (ID) @ VWM Capacitance (f=1 MHz) Temperature Coefficient of VBR
    SMDA03-6 3.3 - 4 7 - 9 200 800 -3
    SMDA05-6 5.0 - 6.0 9.8 - 11 20 550 3
    SMDA12-6 12.0 - 13.3 19.0 - 24 185 10
    SMDA15-6 15.0 - 16.7 24.0 - 30 140 13
    SMDA24-6 24.0 - 26.7 43.0 - 55 88 30

    Note: Select product with VWM equal to or greater than the circuit's continuous peak operating voltage.

    Mechanical Details

    ️· Weight: 0.066 grams (approximate)
    ️· Marking: Logo, device number, date code
    ️· Pin #1 identified by DOT on top of package

    Packaging

    ️· Tape & Reel (EIA Standard 481-1-A) - 2,500 pieces
    ️· Carrier tubes: 95 pcs per standard

    Part No.SMDA03-6
    ManufacturerMCC
    Size131 Kbytes
    Pages2 pages
    DescriptionTVSarray Series