| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about US5V330L-R16-R Datasheet
# Example questions:
➢ What is the typical supply current (icc) when the device is quiescent, with inputs grounded or at vcc?
➢ What is the maximum allowable storage temperature for this device?
➢ What is the input hysteresis (vh) of the control pins, and what unit is it measured in?
# US5V330 Video Switch
## Description
· 2-channel multiplexer/demultiplexer for RGB and composite video applications.
· Replaces U74HC4053 multiplier and buffer/amplifier.
## Features
· Single supply operation: +5.0V
· Low power consumption: 0.1µA typical
· Wide bandwidth: 360 MHz
· Low on-resistance: 5Ω typical
· Low crosstalk at 10 MHz: -48 dB
· Compatible with TTL or 5V/3.3V CMOS outputs.
## Ordering Information
· US5V330L-R16-R / US5V330G-R16-R: SSOP-16, Tape Reel
· US5V330L-R16-T / US5V330G-R16-T: SSOP-16, Tube
## Pin Description
· 1: IN (Select Input)
· 2, 3, 5, 6, 10, 11, 13, 14: S1A, S2A, S1B, S2B, S2C, S1C, S2D, S1D (Analog Video I/O)
· 4, 7, 9, 12: DA, DB, DC, DD (Analog Video I/O)
· 8: GND (Ground)
· 15: EN (Enable)
· 16: VCC (Power)
## Truth Table
· EN = 0, IN = 0: DA=S1A, DB=S1B, DC=S1C, DD=S1D
· EN = 0, IN = 1: DA=S2A, DB=S2B, DC=S2C, DD=S2D
· EN = 1: DA=Z, DB=Z, DC=Z, DD=Z
## Absolute Maximum Ratings
· Supply Voltage: -0.5 to +7.0V
· DC Input Voltage: -0.5 to +7.0V
· DC Output Current: 120mA
· Power Dissipation: 0.5W
· Storage Temperature: -65 to +150 °C
· Ambient Temperature: -40 to +85 °C
## Electrical Characteristics
· Analog Signal Range: 0 to 2.0V
· Switch On-Resistance: 5-10 Ω (typical)
· Input High Voltage: 2.0V
· Input Low Voltage: 0.8V
## Dynamic Characteristics
· Turn On Time: 2.5-5ns
· Turn Off Time: 1.1-5ns
· -3dB Bandwidth: 400 MHz
· Crosstalk: -48dB (at 10MHz)
# US5V330 Video Switch
## Description
· 2-channel multiplexer/demultiplexer for RGB and composite video applications.
· Replaces U74HC4053 multiplier and buffer/amplifier.
## Features
· Single supply operation: +5.0V
· Low power consumption: 0.1µA typical
· Wide bandwidth: 360 MHz
· Low on-resistance: 5Ω typical
· Low crosstalk at 10 MHz: -48 dB
· Compatible with TTL or 5V/3.3V CMOS outputs.
## Ordering Information
· US5V330L-R16-R / US5V330G-R16-R: SSOP-16, Tape Reel
· US5V330L-R16-T / US5V330G-R16-T: SSOP-16, Tube
## Pin Description
· 1: IN (Select Input)
· 2, 3, 5, 6, 10, 11, 13, 14: S1A, S2A, S1B, S2B, S2C, S1C, S2D, S1D (Analog Video I/O)
· 4, 7, 9, 12: DA, DB, DC, DD (Analog Video I/O)
· 8: GND (Ground)
· 15: EN (Enable)
· 16: VCC (Power)
## Truth Table
· EN = 0, IN = 0: DA=S1A, DB=S1B, DC=S1C, DD=S1D
· EN = 0, IN = 1: DA=S2A, DB=S2B, DC=S2C, DD=S2D
· EN = 1: DA=Z, DB=Z, DC=Z, DD=Z
## Absolute Maximum Ratings
· Supply Voltage: -0.5 to +7.0V
· DC Input Voltage: -0.5 to +7.0V
· DC Output Current: 120mA
· Power Dissipation: 0.5W
· Storage Temperature: -65 to +150 °C
· Ambient Temperature: -40 to +85 °C
## Electrical Characteristics
· Analog Signal Range: 0 to 2.0V
· Switch On-Resistance: 5-10 Ω (typical)
· Input High Voltage: 2.0V
· Input Low Voltage: 0.8V
## Dynamic Characteristics
· Turn On Time: 2.5-5ns
· Turn Off Time: 1.1-5ns
· -3dB Bandwidth: 400 MHz
· Crosstalk: -48dB (at 10MHz)
| Part No. | US5V330L-R16-R |
| Manufacturer | UTC |
| Size | 170 Kbytes |
| Pages | 6 pages |
| Description | WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX |