| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about M28SG-X-T92-B Datasheet
# Example questions:
➢ What pin assignment does the m28sg-x-ae3-r package use for the base, collector, and emitter?
➢ What are the absolute maximum collector, emitter, and base currents this transistor can handle?
➢ How does the hfe (dc current gain) value change as the collector current increases from 1ma to 500ma?
# M28S NPN SILICON TRANSISTOR
## Features
· Excellent HFE Linearity
· High DC Current Gain
· High Power Dissipation
## Applications
· Audio Output Driver Amplifier
· General Purpose Switch
## Ordering Information
· Package: TO-92, SOT-23
· Pin Assignment: Emitter (E), Collector (C), Base (B)
· Packing: Tape Reel, Tape Box, Bulk
## Absolute Maximum Ratings (TA=25°C)
· Collector-Base Voltage (V<sub>CBO</sub>): 40 V
· Collector-Emitter Voltage (V<sub>CEO</sub>): 20 V
· Emitter-Base Voltage (V<sub>EBO</sub>): 6 V
· Collector Current (I<sub>C</sub>): 1.25 A
· Base Current (I<sub>B</sub>): 0.4 A
· Power Dissipation (P<sub>D</sub>): 850 mW
· Junction Temperature (T<sub>J</sub>): +150 °C
· Storage Temperature (T<sub>STG</sub>): -55 ~ +150 °C
## Electrical Characteristics (TA=25°C)
· DC Current Gain (h<sub>FE</sub>):
- h<sub>FE1</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=1mA): 290 typ.
- h<sub>FE2</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=0.1A): 300-1000
- h<sub>FE3</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=0.3A): 300 typ.
- h<sub>FE4</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=0.5A): 300 typ.
· Collector-Emitter Saturation Voltage (V<sub>CE(SAT)</sub>): 0.55 V (I<sub>C</sub>=600mA, I<sub>B</sub>=20mA)
· Current Gain Bandwidth Product (f<sub>T</sub>): 100 MHz (V<sub>CE</sub>=10V, I<sub>C</sub>=50mA, f=1MHz)
· Output Capacitance (C<sub>OB</sub>): 9 pF (V<sub>CB</sub>=10V, I<sub>E</sub>=0, f=1MHz)
## hFE2 Classification
· Rank B: 300-550
· Rank C: 500-700
· Rank D: 650-1000
# M28S NPN SILICON TRANSISTOR
## Features
· Excellent HFE Linearity
· High DC Current Gain
· High Power Dissipation
## Applications
· Audio Output Driver Amplifier
· General Purpose Switch
## Ordering Information
· Package: TO-92, SOT-23
· Pin Assignment: Emitter (E), Collector (C), Base (B)
· Packing: Tape Reel, Tape Box, Bulk
## Absolute Maximum Ratings (TA=25°C)
· Collector-Base Voltage (V<sub>CBO</sub>): 40 V
· Collector-Emitter Voltage (V<sub>CEO</sub>): 20 V
· Emitter-Base Voltage (V<sub>EBO</sub>): 6 V
· Collector Current (I<sub>C</sub>): 1.25 A
· Base Current (I<sub>B</sub>): 0.4 A
· Power Dissipation (P<sub>D</sub>): 850 mW
· Junction Temperature (T<sub>J</sub>): +150 °C
· Storage Temperature (T<sub>STG</sub>): -55 ~ +150 °C
## Electrical Characteristics (TA=25°C)
· DC Current Gain (h<sub>FE</sub>):
- h<sub>FE1</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=1mA): 290 typ.
- h<sub>FE2</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=0.1A): 300-1000
- h<sub>FE3</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=0.3A): 300 typ.
- h<sub>FE4</sub> (V<sub>CE</sub>=1V, I<sub>C</sub>=0.5A): 300 typ.
· Collector-Emitter Saturation Voltage (V<sub>CE(SAT)</sub>): 0.55 V (I<sub>C</sub>=600mA, I<sub>B</sub>=20mA)
· Current Gain Bandwidth Product (f<sub>T</sub>): 100 MHz (V<sub>CE</sub>=10V, I<sub>C</sub>=50mA, f=1MHz)
· Output Capacitance (C<sub>OB</sub>): 9 pF (V<sub>CB</sub>=10V, I<sub>E</sub>=0, f=1MHz)
## hFE2 Classification
· Rank B: 300-550
· Rank C: 500-700
· Rank D: 650-1000
| Part No. | M28SG-X-T92-B |
| Manufacturer | UTC |
| Size | 131 Kbytes |
| Pages | 3 pages |
| Description | AUDIO OUTPUT DRIVER AMPLIFIER |