| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about USB0403 Datasheet
# Example questions:
➢ What is the operating temperature range for both normal operation and storage of this tvs array?
➢ What is the maximum peak pulse power this tvs array can withstand, and for how long is this power level sustainable?
➢ How does the capacitance of this device (specified as 5pf) impact its suitability for high-frequency applications?
# TVSarray™ Series Transient Voltage Suppressors (TVS)
## Description
️· 4-pin, 1-line unidirectional array.
️· ULTRA LOW CAPACITANCE (5 pF).
️· Designed for board-level protection from ESD, EFT, and secondary lightning.
️· Protects 1 discrete line utilizing pins (1,4 signal, 2,3 ground).
️· Protects 3.3V components (DRAM’s, SRAM’s, CMOS, etc.) up to 24V.
## Features
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Peak Pulse Power: 300 Watts (8/20 µsec)
️· Pulse Repetition Rate: <.01%
️· Molded SOT-143 Surface Mount
️· Body Marked with device marking code
️· Pin #1 defined by DOT
## Packaging
️· Tape & Reel EIA Standard 481-1-A
️· 7-inch reel (5,000 pieces)
️· 13-inch reel (10,000 pieces)
## Electrical Characteristics (at 25°C)
| Part Number | Device Marking | VWM (Volts) | VBR (@1mA) (Volts) | VC (@1 Amp) (Volts) | VC (@5 Amp) (Volts) | ID (@ VWM) (µA) | C (pF) | áVBR (mV/°C) |
|---|---|---|---|---|---|---|---|---|
| USB0403 | BA | 3.3 | 4 | 8 | 11 | 200 | 5 | -5 |
| USB0405 | BB | 5.0 | 6.0 | 10.8 | 13 | 100 | 5 | 3 |
| USB0412 | BC | 12.0 | 13.3 | 19 | 26 | 1 | 5 | 10 |
| USB0415 | BD | 15.0 | 16.7 | 25 | 32 | 1 | 5 | 13 |
| USB0424 | BE | 24.0 | 26.7 | 44 | 57 | 1 | 5 | 30 |
# TVSarray™ Series Transient Voltage Suppressors (TVS)
## Description
️· 4-pin, 1-line unidirectional array.
️· ULTRA LOW CAPACITANCE (5 pF).
️· Designed for board-level protection from ESD, EFT, and secondary lightning.
️· Protects 1 discrete line utilizing pins (1,4 signal, 2,3 ground).
️· Protects 3.3V components (DRAM’s, SRAM’s, CMOS, etc.) up to 24V.
## Features
️· Operating Temperature: -55°C to +150°C
️· Storage Temperature: -55°C to +150°C
️· Peak Pulse Power: 300 Watts (8/20 µsec)
️· Pulse Repetition Rate: <.01%
️· Molded SOT-143 Surface Mount
️· Body Marked with device marking code
️· Pin #1 defined by DOT
## Packaging
️· Tape & Reel EIA Standard 481-1-A
️· 7-inch reel (5,000 pieces)
️· 13-inch reel (10,000 pieces)
## Electrical Characteristics (at 25°C)
| Part Number | Device Marking | VWM (Volts) | VBR (@1mA) (Volts) | VC (@1 Amp) (Volts) | VC (@5 Amp) (Volts) | ID (@ VWM) (µA) | C (pF) | áVBR (mV/°C) |
|---|---|---|---|---|---|---|---|---|
| USB0403 | BA | 3.3 | 4 | 8 | 11 | 200 | 5 | -5 |
| USB0405 | BB | 5.0 | 6.0 | 10.8 | 13 | 100 | 5 | 3 |
| USB0412 | BC | 12.0 | 13.3 | 19 | 26 | 1 | 5 | 10 |
| USB0415 | BD | 15.0 | 16.7 | 25 | 32 | 1 | 5 | 13 |
| USB0424 | BE | 24.0 | 26.7 | 44 | 57 | 1 | 5 | 30 |
| Part No. | USB0403 |
| Manufacturer | MICROSEMI |
| Size | 184 Kbytes |
| Pages | 2 pages |
| Description | TVSarray ??Series |