전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSP300-60GNV-5K Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FSP300-60GNV-5K Datasheet

  • # Example questions: ➢ How much current can the +12v1 output provide at its maximum load?
    ➢ What is the maximum total wattage that can be drawn from the +3v and +5v outputs combined?
    ➢ What is the maximum permissible operating temperature for this power supply?

  • Part No.FSP300-60GNV-5K
    ManufacturerFSP
    Size87 Kbytes
    Pages1 page
    DescriptionAC -line powered switching power supply with active PFC
    Datasheet Summary with AI

    # FSP300-60GNV-5K PC PSU

    ## General Specifications

    ️· Wattage: 300W
    ️· Input Voltage: 100-240 Vac
    ️· Input Frequency: 47-63 Hz
    ️· Efficiency: 78%
    ️· Dimensions: 130mm (L) x 125mm (W) x 63.5mm (H)
    ️· MTBF: 100,000 hours (MIL-HDBK-217) at 25°C, maximum load
    ️· Operating Temperature: 10°C to +50°C
    ️· Storage Temperature: -20°C to +70°C
    ️· EMC Performance: EN55022 Class B, EN55024, EN 61000-3-2, EN 61000-3-3

    ## Input Specifications

    ️· Input Current:
    - 115V: 4 Amps-rms maximum
    - 230V: 2 Amps-rms maximum

    ## Output Specifications

    ️· Rise Time: +3.3V, +5V, +12V, -12V: 20mS (maximum)
    ️· Output Voltage and Current Rating:

    | Voltage | Ripple-Noise (R-P) (mV) | Regulation Load (%) | Output Max (A) | Output Min (A) |
    |---|---|---|---|---|
    | +3.3V | 50mV | ±5% | 18A | 0.5A |
    | +5V | 50mV | ±5% | 18A | 0.3A |
    | +12V1 | 120mV | ±5% | 8A | 1A |
    | +12V2 | 120mV | ±5% | 16A | 1A |
    | -12V | 120mV | ±10% | 0.5A | 0A |
    | +5Vsb | 50mV | ±5% | 2A | 0A |

    ## Notes

    ️· Total +3.3V and +5V output must not exceed 125W.
    ️· Total output continuous power must not exceed 300W.

    # FSP300-60GNV-5K PC PSU

    ## General Specifications

    ️· Wattage: 300W
    ️· Input Voltage: 100-240 Vac
    ️· Input Frequency: 47-63 Hz
    ️· Efficiency: 78%
    ️· Dimensions: 130mm (L) x 125mm (W) x 63.5mm (H)
    ️· MTBF: 100,000 hours (MIL-HDBK-217) at 25°C, maximum load
    ️· Operating Temperature: 10°C to +50°C
    ️· Storage Temperature: -20°C to +70°C
    ️· EMC Performance: EN55022 Class B, EN55024, EN 61000-3-2, EN 61000-3-3

    ## Input Specifications

    ️· Input Current:
    - 115V: 4 Amps-rms maximum
    - 230V: 2 Amps-rms maximum

    ## Output Specifications

    ️· Rise Time: +3.3V, +5V, +12V, -12V: 20mS (maximum)
    ️· Output Voltage and Current Rating:

    Voltage Ripple-Noise (R-P) (mV) Regulation Load (%) Output Max (A) Output Min (A)
    +3.3V 50mV ±5% 18A 0.5A
    +5V 50mV ±5% 18A 0.3A
    +12V1 120mV ±5% 8A 1A
    +12V2 120mV ±5% 16A 1A
    -12V 120mV ±10% 0.5A 0A
    +5Vsb 50mV ±5% 2A 0A

    ## Notes

    ️· Total +3.3V and +5V output must not exceed 125W.
    ️· Total output continuous power must not exceed 300W.

    Part No.FSP300-60GNV-5K
    ManufacturerFSP
    Size87 Kbytes
    Pages1 page
    DescriptionAC -line powered switching power supply with active PFC