전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSP400-60GHS Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about FSP400-60GHS Datasheet

  • # Example questions: ➢ Which emc standards does this power supply meet for emissions and immunity?
    ➢ What is the maximum total wattage that can be drawn from the +3v and +5v outputs combined?
    ➢ How does the operating temperature range compare to the storage temperature range for this power supply?

  • Part No.FSP400-60GHS
    ManufacturerFSP
    Size127 Kbytes
    Pages1 page
    DescriptionAC -line powered switching power supply with active PFC
    Datasheet Summary with AI

    # FSP400-60GHS(85) PC Power Supply

    ## General Specifications

    ️· Wattage: 400W
    ️· Efficiency: 80PLUS Bronze
    ️· Dimensions: 100mm (L) x 125mm (W) x 63.5mm (H)
    ️· Input Voltage: 100-240 Vac
    ️· Input Frequency: 47-63 Hz
    ️· Input Current: 115V@ <4.5 Amps-rms, 230V@ <2.5 Amps-rms
    ️· MTBF: >100,000 hours (at 25°C, typical load)
    ️· Operating Temperature: 10°C to +50°C
    ️· Storage Temperature: -20°C to +80°C
    ️· ErP Lot 6 Compliance: <0.5W

    ## Output Specifications

    ️· Rise Time: 20ms Maximum for all outputs (+3.3V, +5V, +12V, +5Vsb, -12V)
    ️· Output Voltage and Current Rating:

    | Output | Ripple-Noise (R-P) | Regulation Load (%) | Output Max (A) | Output Min (A) |
    |---|---|---|---|---|
    | +3.3V | 70mV | ±5% | 21A | 0.1A |
    | +5V | 70mV | ±5% | 22A | 0.2A |
    | +12V1 | 140mV | ±5% | 17A | 0.1A |
    | +12V2 | 140mV | ±5% | 16A | 0.5A |
    | -12V | 140mV | ±10% | 0.5A | 0A |
    | +5Vsb | 70mV | ±5% | 2.5A | 0A |

    ## Notes

    ️· Total output for +3.3V and +5V cannot exceed 120W.
    ️· Total continuous output cannot exceed 400W.

    # FSP400-60GHS(85) PC Power Supply

    ## General Specifications

    ️· Wattage: 400W
    ️· Efficiency: 80PLUS Bronze
    ️· Dimensions: 100mm (L) x 125mm (W) x 63.5mm (H)
    ️· Input Voltage: 100-240 Vac
    ️· Input Frequency: 47-63 Hz
    ️· Input Current: 115V@ <4.5 Amps-rms, 230V@ <2.5 Amps-rms
    ️· MTBF: >100,000 hours (at 25°C, typical load)
    ️· Operating Temperature: 10°C to +50°C
    ️· Storage Temperature: -20°C to +80°C
    ️· ErP Lot 6 Compliance: <0.5W

    ## Output Specifications

    ️· Rise Time: 20ms Maximum for all outputs (+3.3V, +5V, +12V, +5Vsb, -12V)
    ️· Output Voltage and Current Rating:

    Output Ripple-Noise (R-P) Regulation Load (%) Output Max (A) Output Min (A)
    +3.3V 70mV ±5% 21A 0.1A
    +5V 70mV ±5% 22A 0.2A
    +12V1 140mV ±5% 17A 0.1A
    +12V2 140mV ±5% 16A 0.5A
    -12V 140mV ±10% 0.5A 0A
    +5Vsb 70mV ±5% 2.5A 0A

    ## Notes

    ️· Total output for +3.3V and +5V cannot exceed 120W.
    ️· Total continuous output cannot exceed 400W.

    Part No.FSP400-60GHS
    ManufacturerFSP
    Size127 Kbytes
    Pages1 page
    DescriptionAC -line powered switching power supply with active PFC