전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC4002 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PC4002 Datasheet

  • # Example questions: ➢ What is the function of the 'rs' pin?
    ➢ What are the two backlight options listed in the document?
    ➢ What is the maximum supply voltage (vdd-vss) allowed at 25°c?

  • Part No.PC4002
    ManufacturerPOWERTIP
    Size71 Kbytes
    Pages1 page
    DescriptionOUTLINE DIMENSION & BLOCK DIAGRAM
    Datasheet Summary with AI

    1. General Overview

    ️· Type: LCD Module (likely character LCD, based on the pin assignments and electrical characteristics)
    ️· Options:
    - LCD Type: STN, TN, FSTN
    - Backlight: LED or EL.
    ️· Purpose: This document provides technical specifications for a character-based LCD module, including its electrical characteristics, pin assignments, and absolute maximum ratings.

    2. Pin Assignments (Important for Connecting)

    The document provides a detailed pinout:

    ️· Vss: Ground (0V) - Power Supply
    ️· Vdd: Positive Power Supply (Logic)
    ️· Vo: Contrast Adjustment
    ️· RS: Register Select (Chooses between command and data registers)
    ️· R/~W~: Read/Write. Controls whether data is read from or written to the LCD.
    ️· E: Enable Signal. Used to latch data/commands into the LCD.
    ️· DB0-DB7: Data Bus Lines. 8-bit parallel data interface.
    ️· A: Power supply for LED Backlight (+)
    ️· K: Power supply for LED Backlight (–)

    3. Absolute Maximum Ratings (Do Not Exceed!)

    Item Symbol Condition Min. Max. Units
    Supply Voltage (Logic) Vdd-Vss -0.3 7 V
    CD Driving Supply Voltage Vdd-Vee -0.3 13 V
    Input Voltage Vin -0.3 Vdd+0.3 V

    4. Electrical Characteristics (Typical Operating Conditions)

    Item Symbol Condition Min. Typ. Max. Units
    Power Supply Voltage Vdd-Vss 5.5 V
    LCD Operation Voltage Vop -20°C 7.0 V
    LCD Operation Voltage Vop 0°C 4.5 5.1 V
    LCD Operation Voltage Vop 25°C 4.16 4.4 4.7 V
    LCD Operation Voltage Vop 50°C 3.8 4.1 4.4 V
    LCD Operation Voltage Vop 70°C 5.7 6 6.3 V
    Current Consumption Idd Vdd=5V 2.5 4 mA
    Backlight Current LED VB/L=4.2V mA

    5. Module Dimensions and Layout
    There are several blocks in the document which represent the physical dimensioning and layouts. They're not readable from this text.

    6. Additional Notes

    ️· The document highlights the availability of options for LCD type (STN, TN, FSTN) and backlight (LED, EL).
    ️· It suggests that specifications not listed in the catalog are available upon request.



    Key Takeaways for Using This Document:

    ️· Voltage Levels: Pay close attention to the voltage ratings. Using the wrong voltage can damage the module.
    ️· Pinout: Connect the pins correctly based on the provided pinout table.
    ️· Electrical Characteristics: Understand the current consumption requirements to design a proper power supply.
    ️· Contrast Adjustment: The "Vo" pin is used to adjust the contrast of the LCD.
    ️· Backlight Control: The "A" and "K" pins control the LED backlight.
    ️· Register Select (RS) and Read/Write (R/~W~): Understand these control signals for proper communication with the LCD. You'll need to send commands to initialize the LCD and then send data to display characters.
    ️· Dimensions: Use the block diagrams to accurately measure the dimensions and make the module fit into your device.

    Limitations of this Summary:

    ️· Missing Information: The document is fragmented. There's likely content missing, especially regarding the exact character set supported, timing diagrams for communication, and detailed mechanical specifications.
    ️· Formatting Issues: The original document seems poorly formatted, making it difficult to extract precise information.
    ️· Diagrams: There are important block diagrams that are impossible to interpret correctly from this text-only format.

    1. General Overview

    ️· Type: LCD Module (likely character LCD, based on the pin assignments and electrical characteristics)
    ️· Options:
    - LCD Type: STN, TN, FSTN
    - Backlight: LED or EL.
    ️· Purpose: This document provides technical specifications for a character-based LCD module, including its electrical characteristics, pin assignments, and absolute maximum ratings.

    2. Pin Assignments (Important for Connecting)

    The document provides a detailed pinout:

    ️· Vss: Ground (0V) - Power Supply
    ️· Vdd: Positive Power Supply (Logic)
    ️· Vo: Contrast Adjustment
    ️· RS: Register Select (Chooses between command and data registers)
    ️· R/~W~: Read/Write. Controls whether data is read from or written to the LCD.
    ️· E: Enable Signal. Used to latch data/commands into the LCD.
    ️· DB0-DB7: Data Bus Lines. 8-bit parallel data interface.
    ️· A: Power supply for LED Backlight (+)
    ️· K: Power supply for LED Backlight (–)

    3. Absolute Maximum Ratings (Do Not Exceed!)

    Item Symbol Condition Min. Max. Units
    Supply Voltage (Logic) Vdd-Vss -0.3 7 V
    CD Driving Supply Voltage Vdd-Vee -0.3 13 V
    Input Voltage Vin -0.3 Vdd+0.3 V

    4. Electrical Characteristics (Typical Operating Conditions)

    Item Symbol Condition Min. Typ. Max. Units
    Power Supply Voltage Vdd-Vss 5.5 V
    LCD Operation Voltage Vop -20°C 7.0 V
    LCD Operation Voltage Vop 0°C 4.5 5.1 V
    LCD Operation Voltage Vop 25°C 4.16 4.4 4.7 V
    LCD Operation Voltage Vop 50°C 3.8 4.1 4.4 V
    LCD Operation Voltage Vop 70°C 5.7 6 6.3 V
    Current Consumption Idd Vdd=5V 2.5 4 mA
    Backlight Current LED VB/L=4.2V mA

    5. Module Dimensions and Layout
    There are several blocks in the document which represent the physical dimensioning and layouts. They're not readable from this text.

    6. Additional Notes

    ️· The document highlights the availability of options for LCD type (STN, TN, FSTN) and backlight (LED, EL).
    ️· It suggests that specifications not listed in the catalog are available upon request.



    Key Takeaways for Using This Document:

    ️· Voltage Levels: Pay close attention to the voltage ratings. Using the wrong voltage can damage the module.
    ️· Pinout: Connect the pins correctly based on the provided pinout table.
    ️· Electrical Characteristics: Understand the current consumption requirements to design a proper power supply.
    ️· Contrast Adjustment: The "Vo" pin is used to adjust the contrast of the LCD.
    ️· Backlight Control: The "A" and "K" pins control the LED backlight.
    ️· Register Select (RS) and Read/Write (R/~W~): Understand these control signals for proper communication with the LCD. You'll need to send commands to initialize the LCD and then send data to display characters.
    ️· Dimensions: Use the block diagrams to accurately measure the dimensions and make the module fit into your device.

    Limitations of this Summary:

    ️· Missing Information: The document is fragmented. There's likely content missing, especially regarding the exact character set supported, timing diagrams for communication, and detailed mechanical specifications.
    ️· Formatting Issues: The original document seems poorly formatted, making it difficult to extract precise information.
    ️· Diagrams: There are important block diagrams that are impossible to interpret correctly from this text-only format.

    Part No.PC4002
    ManufacturerPOWERTIP
    Size71 Kbytes
    Pages1 page
    DescriptionOUTLINE DIMENSION & BLOCK DIAGRAM