전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI1
Size885 Kbytes
Pages25 pages
DescriptionDual Differential Comparators
Datasheet SummaryAI
# LMx93, LM2903 Dual Differential Comparators

## 1 Features
️· Single-Supply or Dual Supplies
️· Wide Range of Supply Voltage (2V to 36V)
️· Low Supply-Current Drain (0.4 mA typical per comparator)
️· Low Input Bias Current (25 nA typical)
️· Low Input Offset Current (3 nA typical)
️· Low Input Offset Voltage (2 mV typical)
️· Common-Mode Input Voltage Range Includes Ground
️· Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage (±36 V)
️· Low Output Saturation Voltage
️· Output Compatible With TTL, MOS, and CMOS

## 2 Applications
️· Chemical or Gas Sensor
️· Desktop PC
️· Motor Control: AC Induction
️· Weigh Scale

## 3 Description
These devices consist of two independent voltage comparators designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies is also possible.

## 4 Device Information
️· Package Options: SOIC (8), VSSOP (8), GDIP (8), PDIP (8), SO (8), TSSOP (8), CQCC (8)
️· Body Size (Nom): 4.90 mm x 6.00 mm (SOIC) to 9.00 mm x 9.00 mm (CQCC)

## 5 Specifications
️· Absolute Maximum Ratings:
- VCC: 36 V
- VID: ±36 V
- Input Voltage: -0.3 V to 36 V
- Output Current: 20 mA
- Operating Junction Temperature: 150°C
️· Recommended Operating Conditions:
- VCC (Non-V Devices): 2 V to 30 V
- VCC (V Devices): 2 V to 32 V
- Junction Temperature: -40°C to 125°C
️· Electrical Characteristics (LMx93): (at specified free-air temperature, VCC = 5V)
- Input Offset Voltage: 2 mV (typical)
- Input Bias Current: 25 nA (typical)
- Supply Current: 0.8 mA (typical)
- Large-signal differential-voltage amplification: 50V/mV

## 6 Detailed Description
️· Each comparator has a PNP Darlington pair input, providing high gain and fast response with minimal input bias current.
️· Open-drain NPN output.
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the maximum supply current (icc) when vcc = 5v and rl is infinite?➤ What is the common-mode input voltage range (vicr) for the lm293 at 25°c?➤ What is the typical input offset voltage (vio) for the lm193 at 25°c with vcc = 5v?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI1
    Size885 Kbytes
    Pages25 pages
    DescriptionDual Differential Comparators
    Datasheet Summary AI Expand summary
    # LMx93, LM2903 Dual Differential Comparators

    ## 1 Features
    ️· Single-Supply or Dual Supplies
    ️· Wide Range of Supply Voltage (2V to 36V)
    ️· Low Supply-Current Drain (0.4 mA typical per comparator)
    ️· Low Input Bias Current (25 nA typical)
    ️· Low Input Offset Current (3 nA typical)
    ️· Low Input Offset Voltage (2 mV typical)
    ️· Common-Mode Input Voltage Range Includes Ground
    ️· Differential Input Voltage Range Equal to Maximum-Rated Supply Voltage (±36 V)
    ️· Low Output Saturation Voltage
    ️· Output Compatible With TTL, MOS, and CMOS

    ## 2 Applications
    ️· Chemical or Gas Sensor
    ️· Desktop PC
    ️· Motor Control: AC Induction
    ️· Weigh Scale

    ## 3 Description
    These devices consist of two independent voltage comparators designed to operate from a single power supply over a wide range of voltages. Operation from dual supplies is also possible.

    ## 4 Device Information
    ️· Package Options: SOIC (8), VSSOP (8), GDIP (8), PDIP (8), SO (8), TSSOP (8), CQCC (8)
    ️· Body Size (Nom): 4.90 mm x 6.00 mm (SOIC) to 9.00 mm x 9.00 mm (CQCC)

    ## 5 Specifications
    ️· Absolute Maximum Ratings:
    - VCC: 36 V
    - VID: ±36 V
    - Input Voltage: -0.3 V to 36 V
    - Output Current: 20 mA
    - Operating Junction Temperature: 150°C
    ️· Recommended Operating Conditions:
    - VCC (Non-V Devices): 2 V to 30 V
    - VCC (V Devices): 2 V to 32 V
    - Junction Temperature: -40°C to 125°C
    ️· Electrical Characteristics (LMx93): (at specified free-air temperature, VCC = 5V)
    - Input Offset Voltage: 2 mV (typical)
    - Input Bias Current: 25 nA (typical)
    - Supply Current: 0.8 mA (typical)
    - Large-signal differential-voltage amplification: 50V/mV

    ## 6 Detailed Description
    ️· Each comparator has a PNP Darlington pair input, providing high gain and fast response with minimal input bias current.
    ️· Open-drain NPN output.