| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA006A-350B-R Datasheet
# Example questions:
➢ What is the operating temperature range for this led driver?
➢ What certifications demonstrate this product's safety and compliance?
➢ What wire gauge is used for the vout+ connection?
# PDA006A 6W Constant Current LED Driver
## Features
· Low Profile Design
· Brownout Protection
· OVP, OCP, Over-Load, and Short-Circuit Protection
· Power Factor ≥0.9
· Class 2 Output (UL1310) / SELV Compliant / UL 8750 Compliant / RoHS Compliant
· IP67 Rated (Waterproof plastic housing)
· 3 Year Warranty
## Applications
· Outdoor Lighting
· Indoor Lighting
## Electrical Specifications
· Input Voltage: 90-132VAC (110-120VAC Nominal)
· Input Current: ≤250mA (full load, 120VAC)
· No Load Power Draw: ≤300mW (115VAC, 60Hz)
· Output Power: 6W (Maximum)
· Efficiency: ≥73% (350-700mA output) / ≥69% (1000mA output)
· Output Models (DC Voltage / Current / Power):
- PDA006A-350B-R: 9V - 17V / 350mA / 6W
- PDA006A-700B-R: 5V - 8.6V / 700mA / 6W
- PDA006A-1A0B-R: 4V - 6V / 1000mA / 6W
## Mechanical Characteristics
· Dimensions: 105.8mm (L) x 39.8mm (W) x 20.8mm (H)
· Weight: 101g (3.56oz)
## Protection Circuits
· Input Over-Current Protection (1W/10 Ohm fuse resistor)
· Short Circuit Protection (Auto restart)
· Output Over-Voltage Protection (Auto shutdown)
## Environmental
· Operating Temperature: 0°C to +40°C
· Storage Temperature: -40°C to +85°C
· Operating Humidity: 10% to 95%
## Input/Output Connection
· Flying Leads:
- Line: Black (AWG 18)
- Neutral: White (AWG 18)
- Vout+: Red (AWG 22)
- Vout-: Black (AWG 22)
## Safety/Compliance
· cUL/UL Listed
· FCC Part 15 Class B
· EN61000-4-2 / EN61000-4-5 / EN61000-3-2 Class C / EN61000-3-3
· Isolation: Primary to Secondary: 3000VAC, <10mA, 1 minute
· Insulation Resistance: Primary to Secondary: 500VDC, >5M ohm, 1 minute
# PDA006A 6W Constant Current LED Driver
## Features
· Low Profile Design
· Brownout Protection
· OVP, OCP, Over-Load, and Short-Circuit Protection
· Power Factor ≥0.9
· Class 2 Output (UL1310) / SELV Compliant / UL 8750 Compliant / RoHS Compliant
· IP67 Rated (Waterproof plastic housing)
· 3 Year Warranty
## Applications
· Outdoor Lighting
· Indoor Lighting
## Electrical Specifications
· Input Voltage: 90-132VAC (110-120VAC Nominal)
· Input Current: ≤250mA (full load, 120VAC)
· No Load Power Draw: ≤300mW (115VAC, 60Hz)
· Output Power: 6W (Maximum)
· Efficiency: ≥73% (350-700mA output) / ≥69% (1000mA output)
· Output Models (DC Voltage / Current / Power):
- PDA006A-350B-R: 9V - 17V / 350mA / 6W
- PDA006A-700B-R: 5V - 8.6V / 700mA / 6W
- PDA006A-1A0B-R: 4V - 6V / 1000mA / 6W
## Mechanical Characteristics
· Dimensions: 105.8mm (L) x 39.8mm (W) x 20.8mm (H)
· Weight: 101g (3.56oz)
## Protection Circuits
· Input Over-Current Protection (1W/10 Ohm fuse resistor)
· Short Circuit Protection (Auto restart)
· Output Over-Voltage Protection (Auto shutdown)
## Environmental
· Operating Temperature: 0°C to +40°C
· Storage Temperature: -40°C to +85°C
· Operating Humidity: 10% to 95%
## Input/Output Connection
· Flying Leads:
- Line: Black (AWG 18)
- Neutral: White (AWG 18)
- Vout+: Red (AWG 22)
- Vout-: Black (AWG 22)
## Safety/Compliance
· cUL/UL Listed
· FCC Part 15 Class B
· EN61000-4-2 / EN61000-4-5 / EN61000-3-2 Class C / EN61000-3-3
· Isolation: Primary to Secondary: 3000VAC, <10mA, 1 minute
· Insulation Resistance: Primary to Secondary: 500VDC, >5M ohm, 1 minute
| Part No. | PDA006A-350B-R |
| Manufacturer | PHIHONG |
| Size | 131 Kbytes |
| Pages | 2 pages |
| Description | 6W Constant Current LED Driver Waterproof LED Power Supply |