| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA060B-700B Datasheet
# Example questions:
➢ Which wire gauge and type should be used for the input connections?
➢ What is the maximum allowable leakage current for this led driver?
➢ What are the operating and non-operating temperature ranges for this product?
# 60W Constant Current LED Driver PDA060B
## Features
· IP67 Waterproof Rating (except 700mA model is Class 2)
· OVP, OCP, Overload & Short-Circuit Protection
· THD <20%
· UL 8750 Compliant
· >0.9 Power Factor Correction
· 90-305VAC Input Voltage Range
· Brownout/Brownout Recovery
## Applications
· Downlights
· Area Lights
· Architectural Lighting
## Safety Approvals
· cUL/UL (Pending)
## Mechanical Characteristics
· Length: 162.5mm (6.39in)
· Height: 32mm (1.26in)
· Width: 43mm (1.69in)
## Output Specifications
| Model | DC Output Voltage | Output Current | Output Power |
|---|---|---|---|
| PDA060B-700B | 60V-86V | 700mA | 60W |
| PDA060B-1A0B | 39V-56V | 1070mA | 60W |
| PDA060B-1A4B | 30V-43V | 1400mA | 60W |
| PDA060B-1A6B | 26V-38V | 1600mA | 60W |
| PDA060B-2A0B | 21V-30V | 2000mA | 60W |
# 60W Constant Current LED Driver PDA060B
## Features
· IP67 Waterproof Rating (except 700mA model is Class 2)
· OVP, OCP, Overload & Short-Circuit Protection
· THD <20%
· UL 8750 Compliant
· >0.9 Power Factor Correction
· 90-305VAC Input Voltage Range
· Brownout/Brownout Recovery
## Applications
· Downlights
· Area Lights
· Architectural Lighting
## Safety Approvals
· cUL/UL (Pending)
## Mechanical Characteristics
· Length: 162.5mm (6.39in)
· Height: 32mm (1.26in)
· Width: 43mm (1.69in)
## Output Specifications
| Model | DC Output Voltage | Output Current | Output Power |
|---|---|---|---|
| PDA060B-700B | 60V-86V | 700mA | 60W |
| PDA060B-1A0B | 39V-56V | 1070mA | 60W |
| PDA060B-1A4B | 30V-43V | 1400mA | 60W |
| PDA060B-1A6B | 26V-38V | 1600mA | 60W |
| PDA060B-2A0B | 21V-30V | 2000mA | 60W |
| Part No. | PDA060B-700B |
| Manufacturer | PHIHONG |
| Size | 204 Kbytes |
| Pages | 3 pages |
| Description | 60W Constant Current LED Driver Waterproof LED Driver Non-Dimming |