전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL24F Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SSL24F Datasheet

  • # Example questions: ➢ What is the approximate weight of the device?
    ➢ What is the maximum average forward rectified current for the ssl26f model?
    ➢ What is the recommended storage temperature range for both the ssl24f and ssl26f models?

  • Part No.SSL24F
    ManufacturerYFWDIODE
    Size2Mb
    Pages3 pages
    DescriptionSurface MountSchottky Barrier Rectifier
    Datasheet Summary with AI

    # Surface Mount Schottky Barrier Rectifier - SSL24F THRU SSL26F

    ## Features

    · Metal silicon junction, majority carrier conduction
    · Surface mount applications
    · Low power loss, high efficiency
    · High forward surge current capability
    · Suitable for low voltage, high frequency inverters, free wheeling, and polarity protection

    ## Mechanical Data

    · Case: SMAF
    · Terminals: Solderable per MIL-STD-750, Method 2026
    · Approximate Weight: 27mg / 0.00095oz

    ## Pinning

    · Pin 1: Cathode
    · Pin 2: Anode

    ## Absolute Maximum Ratings and Electrical Characteristics (Typical Values)

    Parameter SSL24F SSL26F Unit
    Maximum Repetitive Peak Reverse Voltage (VRRM) 40 60 V
    Maximum RMS Voltage (VRMS) 28 42 V
    Maximum DC Blocking Voltage (VDC) 40 60 V
    Maximum Average Forward Rectified Current (IF(AV)) 2.0 2.0 A
    Peak Forward Surge Current (IFSM) 50 40 A
    Max Instantaneous Forward Voltage at 2A (VF) 0.45 0.52 V
    Maximum DC Reverse Current at Rated DC Reverse Voltage (T=25°C) 0.5 0.3 mA
    Maximum DC Reverse Current at Rated DC Reverse Voltage (T=100°C) 10 5 mA
    Typical Junction Capacitance (Cj) 290 130 pF
    Typical Thermal Resistance (RθJA) 65 65 °C/W
    Operating Junction Temperature Range (Tj) -55 ~ +125 °C
    Storage Temperature Range (Tstg) -55 ~ +150 °C

    ## Package Outline (SMAF)

    · Dimensions (mm):
    - A: 1.1 min / 0.9 min
    - C: 3.7 max / 3.3 max
    - D: 2.7 max / 2.4 max
    - E: 1.6 max / 1.3 max
    - e: 4.9 / 4.4
    - g: 1.2 / 0.8
    - HE: 4.9 / 4.4

    ## Marking

    · SSL24F: 4/SSL2
    · SSL26F: 6/SSL2

    # Surface Mount Schottky Barrier Rectifier - SSL24F THRU SSL26F

    ## Features

    · Metal silicon junction, majority carrier conduction
    · Surface mount applications
    · Low power loss, high efficiency
    · High forward surge current capability
    · Suitable for low voltage, high frequency inverters, free wheeling, and polarity protection

    ## Mechanical Data

    · Case: SMAF
    · Terminals: Solderable per MIL-STD-750, Method 2026
    · Approximate Weight: 27mg / 0.00095oz

    ## Pinning

    · Pin 1: Cathode
    · Pin 2: Anode

    ## Absolute Maximum Ratings and Electrical Characteristics (Typical Values)

    Parameter SSL24F SSL26F Unit
    Maximum Repetitive Peak Reverse Voltage (VRRM) 40 60 V
    Maximum RMS Voltage (VRMS) 28 42 V
    Maximum DC Blocking Voltage (VDC) 40 60 V
    Maximum Average Forward Rectified Current (IF(AV)) 2.0 2.0 A
    Peak Forward Surge Current (IFSM) 50 40 A
    Max Instantaneous Forward Voltage at 2A (VF) 0.45 0.52 V
    Maximum DC Reverse Current at Rated DC Reverse Voltage (T=25°C) 0.5 0.3 mA
    Maximum DC Reverse Current at Rated DC Reverse Voltage (T=100°C) 10 5 mA
    Typical Junction Capacitance (Cj) 290 130 pF
    Typical Thermal Resistance (RθJA) 65 65 °C/W
    Operating Junction Temperature Range (Tj) -55 ~ +125 °C
    Storage Temperature Range (Tstg) -55 ~ +150 °C

    ## Package Outline (SMAF)

    · Dimensions (mm):
    - A: 1.1 min / 0.9 min
    - C: 3.7 max / 3.3 max
    - D: 2.7 max / 2.4 max
    - E: 1.6 max / 1.3 max
    - e: 4.9 / 4.4
    - g: 1.2 / 0.8
    - HE: 4.9 / 4.4

    ## Marking

    · SSL24F: 4/SSL2
    · SSL26F: 6/SSL2

    Part No.SSL24F
    ManufacturerYFWDIODE
    Size2Mb
    Pages3 pages
    DescriptionSurface MountSchottky Barrier Rectifier