| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SSL34F Datasheet
# Example questions:
➢ How does the thermal resistance of 50 °c/w affect the operating junction temperature?
➢ Which pin on the device corresponds to the cathode and which to the anode?
➢ What is the maximum repetitive peak reverse voltage and maximum rms voltage this rectifier can withstand?
# SSL34F Schottky Barrier Rectifier
## Features
️· Metal silicon junction, majority carrier conduction
️· Surface mount application
️· Low power loss, high efficiency
️· High forward surge current capability
️· Suitable for low voltage, high frequency inverters, free wheeling, and polarity protection
## Absolute Maximum Ratings
️· Maximum DC Blocking Voltage: 40V
️· Maximum Repetitive Peak Reverse Voltage: 40V
️· Maximum RMS voltage: 28V
️· Maximum Average Forward Rectified Current: 3.0A
️· Peak Forward Surge Current (8.3ms): 80A
️· Max Instantaneous Forward Voltage at 3A: 0.45V
️· Maximum DC Reverse Current: 0.3mA (at 25°C), 5mA (at 100°C)
️· Typical Junction Capacitance: 450pF
️· Typical Thermal Resistance: 50°C/W
️· Operating Junction Temperature Range: -55 to +125°C
️· Storage Temperature Range: -55 to +150°C
## Electrical Characteristics
️· Measured at 1MHz and 4V D.C. reverse voltage
## Mechanical Data
️· Case: SMAF
️· Terminals: Solderable per MIL-STD-750, Method 2026
️· Approx. Weight: 27mg / 0.00095oz
## Pinning
️· Pin 1: Cathode
️· Pin 2: Anode
## Marking Code: SSL34
## Package Outline (SMAF)
️· Dimensions: 1.1mm x 0.20mm x 3.7mm x 2.7mm (max), 0.9mm x 0.12mm x 3.3mm x 2.4mm (min). Lead temperature: 7°
# SSL34F Schottky Barrier Rectifier
## Features
️· Metal silicon junction, majority carrier conduction
️· Surface mount application
️· Low power loss, high efficiency
️· High forward surge current capability
️· Suitable for low voltage, high frequency inverters, free wheeling, and polarity protection
## Absolute Maximum Ratings
️· Maximum DC Blocking Voltage: 40V
️· Maximum Repetitive Peak Reverse Voltage: 40V
️· Maximum RMS voltage: 28V
️· Maximum Average Forward Rectified Current: 3.0A
️· Peak Forward Surge Current (8.3ms): 80A
️· Max Instantaneous Forward Voltage at 3A: 0.45V
️· Maximum DC Reverse Current: 0.3mA (at 25°C), 5mA (at 100°C)
️· Typical Junction Capacitance: 450pF
️· Typical Thermal Resistance: 50°C/W
️· Operating Junction Temperature Range: -55 to +125°C
️· Storage Temperature Range: -55 to +150°C
## Electrical Characteristics
️· Measured at 1MHz and 4V D.C. reverse voltage
## Mechanical Data
️· Case: SMAF
️· Terminals: Solderable per MIL-STD-750, Method 2026
️· Approx. Weight: 27mg / 0.00095oz
## Pinning
️· Pin 1: Cathode
️· Pin 2: Anode
## Marking Code: SSL34
## Package Outline (SMAF)
️· Dimensions: 1.1mm x 0.20mm x 3.7mm x 2.7mm (max), 0.9mm x 0.12mm x 3.3mm x 2.4mm (min). Lead temperature: 7°
| Part No. | SSL34F |
| Manufacturer | YFWDIODE |
| Size | 89 Kbytes |
| Pages | 3 pages |
| Description | Surface MountSchottky Barrier Rectifier |