| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AISC-1008-R0047 Datasheet
# Example questions:
➢ What are the dimensions (in mm) of the core (component 'b') of the inductor?
➢ What is the maximum peak temperature allowed during reflow soldering, and what solder paste composition is recommended?
➢ For what types of applications are abracon's products *not* specifically designed without written consent and authorization?
1. Product Overview: AISC-1008 & AISC-1008F Series Inductors
️· Type: Chip inductors (Surface Mount Devices - SMD)
️· Applications: Commercial, Industrial, Automotive (where designated). *Not* for military, aviation, aerospace, or life-dependent medical applications.
️· Series: Two versions:
- AISC-1008: Specific materials and plating (mentioned below).
- AISC-1008F: Different materials/plating for electrodes compared to the AISC-1008.
2. Physical Characteristics & Dimensions
️· Size: 2.92 x 2.79 x 2.29 mm
️· Outline Dimensions (Key Values): See dimensional table provided. Includes values for A, B, C, D, E, F, H, I, J.
️· Materials:
- Coating: Ultraviolet epoxy resin.
- Core: Ceramic.
- Wire: Polyurethane system enameled copper wire.
- AISC-1008 Electrodes: Mo-Mn with Ni and Au plating.
- AISC-1008F Electrodes: Ag-Pd with Ni-Sn plating.
️· Tape & Reel: 2000 pieces per reel. Includes dimensions: A, P, B, K Max, T.
3. Electrical Characteristics
️· Test Conditions:
- Ambient Temperature: 20 ± 15 °C
- Relative Humidity: 65% ± 20%
- Air Pressure: 86 kPa to 106 kPa
️· Inductance (L): Measured with Agilent 4287A + Agilent 16197A or equivalent.
️· Direct Current Resistance (DCR): Measured with HIOKI 3540 or equivalent.
️· Q Factor: Measured with Agilent 4287A + Agilent 16197A or equivalent.
️· Self-Resonant Frequency (SRF): Measured with Agilent 4991B + Agilent 16197A and HP 8753E or equivalent.
️· Rated Current (Ir): Defined as the current level at which the chip surface temperature rises 20°C above the initial surface temperature.
️· Operating Temperature: AISC-1008: -40°C to +125°C, AISC-1008F: -40°C to +85°C
️· Storage Temperature: -10°C to +40°C, 70% RH max.
4. Reflow Profile (Soldering)
️· Pre-heating: 150-190°C / 90±30 seconds
️· Time above 240°C: 20-40 seconds
️· Peak Temperature: 260°C max. / 10 seconds
️· Solder Paste: Sn/3.0Ag/0.5Cu
️· Maximum Reflow Cycles: 2
5. Important Disclaimers
️· Not for critical applications: The parts are COTS (Commercial Off-The-Shelf) and *not* suitable for military, aerospace, life-dependent medical, or other applications where failure could be catastrophic.
️· Authorization Required: Written consent from Abracon is required for applications needing high reliability or extreme environments.
1. Product Overview: AISC-1008 & AISC-1008F Series Inductors
️· Type: Chip inductors (Surface Mount Devices - SMD)
️· Applications: Commercial, Industrial, Automotive (where designated). *Not* for military, aviation, aerospace, or life-dependent medical applications.
️· Series: Two versions:
- AISC-1008: Specific materials and plating (mentioned below).
- AISC-1008F: Different materials/plating for electrodes compared to the AISC-1008.
2. Physical Characteristics & Dimensions
️· Size: 2.92 x 2.79 x 2.29 mm
️· Outline Dimensions (Key Values): See dimensional table provided. Includes values for A, B, C, D, E, F, H, I, J.
️· Materials:
- Coating: Ultraviolet epoxy resin.
- Core: Ceramic.
- Wire: Polyurethane system enameled copper wire.
- AISC-1008 Electrodes: Mo-Mn with Ni and Au plating.
- AISC-1008F Electrodes: Ag-Pd with Ni-Sn plating.
️· Tape & Reel: 2000 pieces per reel. Includes dimensions: A, P, B, K Max, T.
3. Electrical Characteristics
️· Test Conditions:
- Ambient Temperature: 20 ± 15 °C
- Relative Humidity: 65% ± 20%
- Air Pressure: 86 kPa to 106 kPa
️· Inductance (L): Measured with Agilent 4287A + Agilent 16197A or equivalent.
️· Direct Current Resistance (DCR): Measured with HIOKI 3540 or equivalent.
️· Q Factor: Measured with Agilent 4287A + Agilent 16197A or equivalent.
️· Self-Resonant Frequency (SRF): Measured with Agilent 4991B + Agilent 16197A and HP 8753E or equivalent.
️· Rated Current (Ir): Defined as the current level at which the chip surface temperature rises 20°C above the initial surface temperature.
️· Operating Temperature: AISC-1008: -40°C to +125°C, AISC-1008F: -40°C to +85°C
️· Storage Temperature: -10°C to +40°C, 70% RH max.
4. Reflow Profile (Soldering)
️· Pre-heating: 150-190°C / 90±30 seconds
️· Time above 240°C: 20-40 seconds
️· Peak Temperature: 260°C max. / 10 seconds
️· Solder Paste: Sn/3.0Ag/0.5Cu
️· Maximum Reflow Cycles: 2
5. Important Disclaimers
️· Not for critical applications: The parts are COTS (Commercial Off-The-Shelf) and *not* suitable for military, aerospace, life-dependent medical, or other applications where failure could be catastrophic.
️· Authorization Required: Written consent from Abracon is required for applications needing high reliability or extreme environments.
| Part No. | AISC-1008-R0047 |
| Manufacturer | ABRACON |
| Size | 6Mb |
| Pages | 4 pages |
| Description | Wire Wound Inductor - Ceramic Or Ferrite Base |