| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about G20FP_16 Datasheet
# Example questions:
➢ What is the maximum allowable operating case temperature for the g20fp diode?
➢ What is the maximum reverse recovery time of the g20fp diode at 25°c?
➢ How much surge current can the g20fp diode withstand?
# G20FP - 20kV 10mA HIGH VOLTAGE DIODES
## Features
· High speed switching
· High Current
· High surge resisitivity for CRT discharge
· High reliability design
· High Voltage
## Applications
· X light Power supply
· Laser
· Voltage doubler circuit
· Microwave emission power
## Specifications
Absolute Maximum Ratings
· Repetitive Peak Reverse Voltage (VRRM): 20 kV
· Average Output Current (IO): 10 mA
· Surge Current (IFSM): 0.8 A peak
· Junction Temperature (Tj): 125 °C
· Allowable Operation Case Temperature (Tc): 120 °C
· Storage Temperature (Tstg): -40 to +125 °C
Electrical Characteristics (Ta=25°C)
· Maximum Forward Voltage Drop (VF): 55 V (at 25°C, IF = IF(AV))
· Maximum Reverse Current (IR1): 2.0 uA (at 25°C, VR = VRRM)
· Maximum Reverse Current (IR2): 5.0 uA (at 100°C, VR = VRRM)
· Maximum Reverse Recovery Time (Trr): 100 ns (at 25°C)
· Junction Capacitance (Cj): -- pF (at 25°C, VR = 0V, f = 1MHz)
## Package & Markings
· Small size package sealed with epoxy resin.
· Multilayer mesa type silicon chip.
· Cathode marked.
· Type: G20FP
## Manufacturer
· GETE ELECTRONICS CO.,LTD
· Http://www.getedz.com
· E-mail: sales@getedz.com
# G20FP - 20kV 10mA HIGH VOLTAGE DIODES
## Features
· High speed switching
· High Current
· High surge resisitivity for CRT discharge
· High reliability design
· High Voltage
## Applications
· X light Power supply
· Laser
· Voltage doubler circuit
· Microwave emission power
## Specifications
Absolute Maximum Ratings
· Repetitive Peak Reverse Voltage (VRRM): 20 kV
· Average Output Current (IO): 10 mA
· Surge Current (IFSM): 0.8 A peak
· Junction Temperature (Tj): 125 °C
· Allowable Operation Case Temperature (Tc): 120 °C
· Storage Temperature (Tstg): -40 to +125 °C
Electrical Characteristics (Ta=25°C)
· Maximum Forward Voltage Drop (VF): 55 V (at 25°C, IF = IF(AV))
· Maximum Reverse Current (IR1): 2.0 uA (at 25°C, VR = VRRM)
· Maximum Reverse Current (IR2): 5.0 uA (at 100°C, VR = VRRM)
· Maximum Reverse Recovery Time (Trr): 100 ns (at 25°C)
· Junction Capacitance (Cj): -- pF (at 25°C, VR = 0V, f = 1MHz)
## Package & Markings
· Small size package sealed with epoxy resin.
· Multilayer mesa type silicon chip.
· Cathode marked.
· Type: G20FP
## Manufacturer
· GETE ELECTRONICS CO.,LTD
· Http://www.getedz.com
· E-mail: sales@getedz.com
| Part No. | G20FP_16 |
| Manufacturer | GETEDZ |
| Size | 72 Kbytes |
| Pages | 1 page |
| Description | 20kV 10mA HIGH VOLTAGE DIODES |