전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AISC-1008-R0047 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AISC-1008-R0047 Datasheet

  • # Example questions: ➢ For what types of applications are abracon's products *not* specifically designed without written consent?
    ➢ What are the core and coating materials used in the construction of these components?
    ➢ What is the maximum peak temperature allowed during reflow soldering, and what solder paste composition is recommended?

  • Part No.AISC-1008-R0047
    ManufacturerABRACON
    Size6Mb
    Pages4 pages
    DescriptionWire Wound Inductor - Ceramic Or Ferrite Base
    Datasheet Summary with AI

    1. Product Overview:

    ️· Product: AISC-1008 & AISC-1008F Series Multilayer Chip Inductors
    ️· Manufacturer: ABRACON
    ️· Applications: Commercial, Industrial, and designated Automotive applications. *Not* for high-reliability, life-dependent applications without explicit approval.
    ️· Dimensions: 2.92 x 2.79 x 2.29 mm

    2. Electrical Characteristics (AISC-1008 & AISC-1008F - Summary Table):

    Inductance (µH) Q Factor (Typical) DCR (Typical) (Ohms) Saturation Current (A) Self-Resonant Frequency (MHz)
    3.3 N/A N/A N/A N/A
    3.9 N/A N/A N/A N/A
    4.7 N/A N/A N/A N/A
    5.6 N/A N/A N/A N/A
    6.8 N/A N/A N/A N/A
    8.2 N/A N/A N/A N/A
    10 N/A N/A N/A N/A

    (Note: This table is incomplete. A complete table would include all inductance values and corresponding characteristics. The provided text lists characteristics for a few values. Refer to images for complete specification.)

    3. Components & Materials:

    ️· A (Coating): Ultraviolet epoxy resin
    ️· B (Core): Ceramic
    ️· C (Wire): Polyurethane system enameled copper wire
    ️· Electrodes:
    - AISC-1008: Mo-Mn with Ni and Au plating
    - AISC-1008F: Ag-Pd with Ni-Sn plating

    4. Test Conditions & Equipment
    ️· Ambient temperature: 20 ±15[o] C
    ️· Relative Humidity: 65% ±20%
    ️· Air Pressure: 86KPa to 106KPa
    ️· Inductance (L): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
    ️· Direct Current Resistance (DCR): HIOKI 3540 or equivalent
    ️· Q Factor (Q): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
    ️· Self-Resonant Frequency (SRF): Agilent4991B+Agilent16197A and HP 8753E or equivalent, -20dBm or 50mV

    5. Operating and Storage Temperatures:

    ️· Operating:
    - AISC-1008: -40°C to +125°C
    - AISC-1008F: -40°C to +85°C
    ️· Storage: -10°C to +40°C, 70% RH max.

    6. Reflow Profile:

    ️· Pre-heating: 150-190°C / 90±30 sec
    ️· Time above 240°C: 20-40 sec
    ️· Peak temperature: 260°C Max./10 sec
    ️· Solder paste: Sn/3.0Ag/0.5Cu
    ️· Max. 2 times for Re-flowing

    7. Tape & Reel Specifications:

    ️· 2kpcs / Reel
    ️· Dimensions (mm):
    - A: 2.73 ±0.2
    - P: 4.0 ±0.1
    - B: 2.90 ±0.2
    - K Max: 2.34 ±0.2
    - T: 0.23 ±0.1

    8. Outline Dimensions:

    ️· A Max: 2.92
    ️· B Max: 3.79
    ️· C Max: 2.29
    ️· D Ref: 0.51
    ️· E: 2.1±0.2
    ️· F: 0.5±0.2
    ️· H Ref: 2.54
    ️· I Ref: 1.02
    ️· J Ref: 1.27

    1. Product Overview:

    ️· Product: AISC-1008 & AISC-1008F Series Multilayer Chip Inductors
    ️· Manufacturer: ABRACON
    ️· Applications: Commercial, Industrial, and designated Automotive applications. *Not* for high-reliability, life-dependent applications without explicit approval.
    ️· Dimensions: 2.92 x 2.79 x 2.29 mm

    2. Electrical Characteristics (AISC-1008 & AISC-1008F - Summary Table):

    Inductance (µH) Q Factor (Typical) DCR (Typical) (Ohms) Saturation Current (A) Self-Resonant Frequency (MHz)
    3.3 N/A N/A N/A N/A
    3.9 N/A N/A N/A N/A
    4.7 N/A N/A N/A N/A
    5.6 N/A N/A N/A N/A
    6.8 N/A N/A N/A N/A
    8.2 N/A N/A N/A N/A
    10 N/A N/A N/A N/A

    (Note: This table is incomplete. A complete table would include all inductance values and corresponding characteristics. The provided text lists characteristics for a few values. Refer to images for complete specification.)

    3. Components & Materials:

    ️· A (Coating): Ultraviolet epoxy resin
    ️· B (Core): Ceramic
    ️· C (Wire): Polyurethane system enameled copper wire
    ️· Electrodes:
    - AISC-1008: Mo-Mn with Ni and Au plating
    - AISC-1008F: Ag-Pd with Ni-Sn plating

    4. Test Conditions & Equipment
    ️· Ambient temperature: 20 ±15[o] C
    ️· Relative Humidity: 65% ±20%
    ️· Air Pressure: 86KPa to 106KPa
    ️· Inductance (L): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
    ️· Direct Current Resistance (DCR): HIOKI 3540 or equivalent
    ️· Q Factor (Q): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
    ️· Self-Resonant Frequency (SRF): Agilent4991B+Agilent16197A and HP 8753E or equivalent, -20dBm or 50mV

    5. Operating and Storage Temperatures:

    ️· Operating:
    - AISC-1008: -40°C to +125°C
    - AISC-1008F: -40°C to +85°C
    ️· Storage: -10°C to +40°C, 70% RH max.

    6. Reflow Profile:

    ️· Pre-heating: 150-190°C / 90±30 sec
    ️· Time above 240°C: 20-40 sec
    ️· Peak temperature: 260°C Max./10 sec
    ️· Solder paste: Sn/3.0Ag/0.5Cu
    ️· Max. 2 times for Re-flowing

    7. Tape & Reel Specifications:

    ️· 2kpcs / Reel
    ️· Dimensions (mm):
    - A: 2.73 ±0.2
    - P: 4.0 ±0.1
    - B: 2.90 ±0.2
    - K Max: 2.34 ±0.2
    - T: 0.23 ±0.1

    8. Outline Dimensions:

    ️· A Max: 2.92
    ️· B Max: 3.79
    ️· C Max: 2.29
    ️· D Ref: 0.51
    ️· E: 2.1±0.2
    ️· F: 0.5±0.2
    ️· H Ref: 2.54
    ️· I Ref: 1.02
    ️· J Ref: 1.27

    Part No.AISC-1008-R0047
    ManufacturerABRACON
    Size6Mb
    Pages4 pages
    DescriptionWire Wound Inductor - Ceramic Or Ferrite Base