전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD243X Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PD243X Datasheet

  • # Example questions: ➢ Explain how to enable the blinking of a *specific* character (as opposed to the entire display) and what conditions must be met for this functionality to work.
    ➢ Describe the requirements and steps involved in cascading multiple pd243x, pd353x, or pd443x displays to create a larger display, focusing on clock and reset synchronization.
    ➢ What are the four brightness levels achievable using the control word bits d0 and d1, and what binary values correspond to each level?

  • Part No.PD243X
    ManufacturerOSRAM
    Size937 Kbytes
    Pages14 pages
    DescriptionLead (Pb) Free Product - RoHS Compliant
    Datasheet Summary with AI

    1. Device Overview & Purpose

    ️· Type: Character Display (likely LED, given the details about brightness and lamp tests)
    ️· Purpose: The device is designed for displaying alphanumeric characters with attribute (blinking, cursor, etc.) control. It's also intended to be cascaded (connected in series) for larger displays.
    ️· Target Audience: Engineers or technical personnel responsible for system integration and programming.

    2. Addressing and Registers

    ️· Address Space: Uses a 3-bit address (A2, A1, A0) to access registers.
    - A2=0: Control Word register (shared across all lower address locations)
    - A1=0, A0=0: Digit 0 (rightmost)
    - A1=0, A0=1: Digit 1
    - A1=1, A0=0: Digit 2
    - A1=1, A0=1: Digit 3 (leftmost)
    ️· Control Word: A single, shared register controlling overall display behavior (brightness, blinking, lamp test, clear). A second control word is needed after a clear operation to restore attributes.
    ️· Character Data: Each digit (0-3) has a register containing the ASCII code and attribute bit (D7) for the character.

    3. Control Word Details & Functionality

    ️· Brightness (D0, D1): Controls display brightness from 0% (blank) to 100% in 25% steps.
    ️· Attribute Control (D2-D4): These bits, *combined with D7 in the character data*, control attributes like:
    - Displaying the cursor instead of the character.
    - Blinking a single character.
    - Displaying a blinking cursor.
    - Alternating the character with the cursor.
    ️· Blink (D5): Enables display-wide blinking at approximately 2.0 Hz. Requires synchronization of clocks and resets for cascaded devices.
    ️· Lamp Test (D6): Lights all dots at half brightness for diagnostics.
    ️· Clear (D7): Clears all memory bits, blanking the display. Requires a second Control Word with D7=0 to restore attributes and brightness.

    4. Cascading (Multiple Displays)

    ️· Purpose: Allows connecting multiple devices to create a larger display.
    ️· Requirements:
    - Assigning unique addresses to each display.
    - Tying CE0 to ground and using CE1 from an address.
    - Using one display's clock as the master clock for others.
    - Tying CLKSEL to ground on other displays.
    - Using RST for synchronized blinking.
    - SMC-4740 oscillator can drive up to 16 displays.

    5. Addressing & Key Registers

    Address A2 A1 A0 Description
    0 X X X Control Word
    1 0 0 0 Digit 0
    1 0 0 1 Digit 1
    1 1 0 0 Digit 2
    1 1 0 1 Digit 3

    Observations on Writing Style:

    ️· Technical Jargon: Heavy use of technical terms (ASCII, attributes, cascaded, CE0, CE1, CLKSEL, RST).
    ️· Table-Driven: Information is often presented in tables for clear organization.
    ️· Sequential Dependencies: Clearly explains sequential operations (e.g., clear then restore).
    ️· Concise: Minimal explanatory text. Assumes a base level of technical understanding.
    ️· Emphasis on Constraints: Highlights limitations and requirements for proper operation (e.g., cascading, synchronization).

    1. Device Overview & Purpose

    ️· Type: Character Display (likely LED, given the details about brightness and lamp tests)
    ️· Purpose: The device is designed for displaying alphanumeric characters with attribute (blinking, cursor, etc.) control. It's also intended to be cascaded (connected in series) for larger displays.
    ️· Target Audience: Engineers or technical personnel responsible for system integration and programming.

    2. Addressing and Registers

    ️· Address Space: Uses a 3-bit address (A2, A1, A0) to access registers.
    - A2=0: Control Word register (shared across all lower address locations)
    - A1=0, A0=0: Digit 0 (rightmost)
    - A1=0, A0=1: Digit 1
    - A1=1, A0=0: Digit 2
    - A1=1, A0=1: Digit 3 (leftmost)
    ️· Control Word: A single, shared register controlling overall display behavior (brightness, blinking, lamp test, clear). A second control word is needed after a clear operation to restore attributes.
    ️· Character Data: Each digit (0-3) has a register containing the ASCII code and attribute bit (D7) for the character.

    3. Control Word Details & Functionality

    ️· Brightness (D0, D1): Controls display brightness from 0% (blank) to 100% in 25% steps.
    ️· Attribute Control (D2-D4): These bits, *combined with D7 in the character data*, control attributes like:
    - Displaying the cursor instead of the character.
    - Blinking a single character.
    - Displaying a blinking cursor.
    - Alternating the character with the cursor.
    ️· Blink (D5): Enables display-wide blinking at approximately 2.0 Hz. Requires synchronization of clocks and resets for cascaded devices.
    ️· Lamp Test (D6): Lights all dots at half brightness for diagnostics.
    ️· Clear (D7): Clears all memory bits, blanking the display. Requires a second Control Word with D7=0 to restore attributes and brightness.

    4. Cascading (Multiple Displays)

    ️· Purpose: Allows connecting multiple devices to create a larger display.
    ️· Requirements:
    - Assigning unique addresses to each display.
    - Tying CE0 to ground and using CE1 from an address.
    - Using one display's clock as the master clock for others.
    - Tying CLKSEL to ground on other displays.
    - Using RST for synchronized blinking.
    - SMC-4740 oscillator can drive up to 16 displays.

    5. Addressing & Key Registers

    Address A2 A1 A0 Description
    0 X X X Control Word
    1 0 0 0 Digit 0
    1 0 0 1 Digit 1
    1 1 0 0 Digit 2
    1 1 0 1 Digit 3

    Observations on Writing Style:

    ️· Technical Jargon: Heavy use of technical terms (ASCII, attributes, cascaded, CE0, CE1, CLKSEL, RST).
    ️· Table-Driven: Information is often presented in tables for clear organization.
    ️· Sequential Dependencies: Clearly explains sequential operations (e.g., clear then restore).
    ️· Concise: Minimal explanatory text. Assumes a base level of technical understanding.
    ️· Emphasis on Constraints: Highlights limitations and requirements for proper operation (e.g., cascading, synchronization).

    Part No.PD243X
    ManufacturerOSRAM
    Size937 Kbytes
    Pages14 pages
    DescriptionLead (Pb) Free Product - RoHS Compliant