전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC529LP5E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HMC529LP5E Datasheet

  • # Example questions: ➢ How does the supply current change as the supply voltage (vcc) increases from 4.75v to 5.25v?
    ➢ The documentation mentions an exposed metal paddle on the package bottom. what is the primary function of this paddle and how should it be connected in a typical application circuit?
    ➢ What are the maximum peak reflow temperatures for the hmc529lp5 and hmc529lp5e packages, respectively?

  • Part No.HMC529LP5E
    ManufacturerAD
    Size376 Kbytes
    Pages6 pages
    DescriptionMMIC VCO w/ HALF FREQUENCY OUTPUT
    Datasheet Summary with AI

    1. Overview & Function:

    · Type: Wideband Varactor Tuned Voltage-Controlled Oscillator (VCO) with integrated divide-by-4 frequency counter.
    · Frequency Range: 12.4 - 13.4 GHz (RF output)
    · Key Outputs:
    * RF Output (12.4-13.4 GHz)
    * Half-Frequency Output (RFOUT/2 - 6.2 - 6.7 GHz)
    * Divide-by-4 Output (Fout/4 - 3.1 - 3.35 GHz)
    · Applications: Likely suitable for applications needing a frequency source in the microwave range, potentially for radar, communication, or test equipment.

    2. Electrical Characteristics:

    · Supply Voltages: Vcc1 and Vcc2. Vcc2 is specifically +5V. (Vcc1 can be omitted if the prescaler is not needed.)
    · Tuning Voltage (VTUNE): Used to control the VCO frequency. Modulation bandwidth is dependent on drive source impedance.
    · Current Consumption: Approximately 235 - 175 mA depending on supply voltages (Vcc1 and Vcc2).
    · Temperature Range: -65°C to +150°C (junction temperature)
    · Operating Temperature: -40°C to +85°C (ambient temperature)

    3. Package & Physical Characteristics:

    · Package Type: Low-Stress Injection Molded Plastic (LCC)
    · Ground Paddle: Exposed metal paddle on the bottom of the package *must* be connected to ground (RF/DC).
    · Lead Finish: Sn/Pb Solder (older versions) or RoHS-compliant Sn.
    · MSL Rating: MSL3 (Moisture Sensitivity Level).
    · PCB Material: Arlon 25FR recommended for the evaluation board.

    4. Key Considerations / Notes:

    · Proper Grounding: Critical for optimal performance. The ground paddle *must* be connected to a solid ground plane.
    · Evaluation PCB: An evaluation PCB (110227) is available from Hittite/Analog Devices.
    · RF Circuit Design: Use good RF circuit design techniques, especially for impedance control.
    · Moisture Sensitivity: Handle with care and follow appropriate handling procedures for MSL3 devices.

    5. Absolute Maximum Ratings:

    · These are stress ratings. Exceeding these values can damage the device.

    In essence, the HMC529LP5/HMC529LP5E is a versatile VCO offering multiple outputs in the microwave frequency range. Proper grounding, handling, and layout are essential for reliable operation.

    1. Overview & Function:

    · Type: Wideband Varactor Tuned Voltage-Controlled Oscillator (VCO) with integrated divide-by-4 frequency counter.
    · Frequency Range: 12.4 - 13.4 GHz (RF output)
    · Key Outputs:
    * RF Output (12.4-13.4 GHz)
    * Half-Frequency Output (RFOUT/2 - 6.2 - 6.7 GHz)
    * Divide-by-4 Output (Fout/4 - 3.1 - 3.35 GHz)
    · Applications: Likely suitable for applications needing a frequency source in the microwave range, potentially for radar, communication, or test equipment.

    2. Electrical Characteristics:

    · Supply Voltages: Vcc1 and Vcc2. Vcc2 is specifically +5V. (Vcc1 can be omitted if the prescaler is not needed.)
    · Tuning Voltage (VTUNE): Used to control the VCO frequency. Modulation bandwidth is dependent on drive source impedance.
    · Current Consumption: Approximately 235 - 175 mA depending on supply voltages (Vcc1 and Vcc2).
    · Temperature Range: -65°C to +150°C (junction temperature)
    · Operating Temperature: -40°C to +85°C (ambient temperature)

    3. Package & Physical Characteristics:

    · Package Type: Low-Stress Injection Molded Plastic (LCC)
    · Ground Paddle: Exposed metal paddle on the bottom of the package *must* be connected to ground (RF/DC).
    · Lead Finish: Sn/Pb Solder (older versions) or RoHS-compliant Sn.
    · MSL Rating: MSL3 (Moisture Sensitivity Level).
    · PCB Material: Arlon 25FR recommended for the evaluation board.

    4. Key Considerations / Notes:

    · Proper Grounding: Critical for optimal performance. The ground paddle *must* be connected to a solid ground plane.
    · Evaluation PCB: An evaluation PCB (110227) is available from Hittite/Analog Devices.
    · RF Circuit Design: Use good RF circuit design techniques, especially for impedance control.
    · Moisture Sensitivity: Handle with care and follow appropriate handling procedures for MSL3 devices.

    5. Absolute Maximum Ratings:

    · These are stress ratings. Exceeding these values can damage the device.

    In essence, the HMC529LP5/HMC529LP5E is a versatile VCO offering multiple outputs in the microwave frequency range. Proper grounding, handling, and layout are essential for reliable operation.

    Part No.HMC529LP5E
    ManufacturerAD
    Size376 Kbytes
    Pages6 pages
    DescriptionMMIC VCO w/ HALF FREQUENCY OUTPUT
    개인정보취급방침
    ALLDATASHEET.CO.KR
    ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

    Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   제조사별 검색