전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DB101S-DB-S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DB101S-DB-S Datasheet

  • # Example questions: ➢ What is the maximum surge current this rectifier can handle for a single half-sine wave pulse?
    ➢ How does the current rating change when this rectifier is used with a capacitive load compared to a resistive or inductive load?
    ➢ What is the typical operating and storage temperature range for these rectifier diodes?

  • Part No.DB101S-DB-S
    ManufacturerYFWDIODE
    Size531 Kbytes
    Pages2 pages
    DescriptionSINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER
    Datasheet Summary with AI

    # DB101S THRU DB107S - Bridge Rectifier

    ## General Description
    · Single-phase glass passivated silicon surface mount bridge rectifier.
    · Reverse Voltage: 50 to 1000 Volts
    · Forward Current: 1.0 Ampere

    ## Features
    · Glass passivated chip junction (DB-S)
    · Low forward voltage drop
    · High surge overload rating: 50 Amperes peak
    · Suitable for printed circuit boards
    · High temperature soldering guaranteed: 260°C for 10 seconds

    ## Mechanical Data
    · Case: Molded plastic, DB-S
    · Epoxy: UL 94V-O flame retardant
    · Terminals: Leads solderable per MIL-STD-202, method 208
    · Mounting position: Any
    · Weight: 0.4g (0.02oz)

    ## Electrical Characteristics (at 25°C)
    · Single phase, half wave, 60Hz, resistive/inductive load (20% current derate for capacitive load)

    Voltage Ratings
    Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S Unit
    Maximum Recurrent Peak Reverse Voltage (VRRM) 50 100 200 400 600 800 1000 Volts
    Maximum RMS Voltage (VRMS) 35 70 140 280 420 560 700 Volts
    Maximum DC Blocking Voltage (VDC) 50 100 200 400 600 800 1000 Volts

    Current & Voltage Characteristics
    Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S Unit
    Maximum Average Forward Rectified Current (I(AV)) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Amp
    Peak Forward Surge Current (IFSM) 50 50 50 50 50 50 50 Amp
    Maximum Forward Voltage (VF) 1.1 1.1 1.1 1.1 1.1 1.1 1.1 Volts
    Maximum Reverse Current (IR) 5.0uA 5.0uA 5.0uA 5.0uA 5.0uA 5.0uA 5.0uA uAmp

    Thermal Characteristics
    Symbol Value Unit
    Typical Junction Capacitance (CJ) 25 pF
    Typical Thermal Resistance (RθJA) 40 °C/W
    Typical Thermal Resistance (RθJL) 15 °C/W

    Operating Conditions
    · Operating and Storage Temperature Range: -55°C to +150°C
    · Notes:
    - Measured at 1MHz with 4.0VDC reverse voltage.
    - Current derated for capacitive loads.

    # DB101S THRU DB107S - Bridge Rectifier

    ## General Description
    · Single-phase glass passivated silicon surface mount bridge rectifier.
    · Reverse Voltage: 50 to 1000 Volts
    · Forward Current: 1.0 Ampere

    ## Features
    · Glass passivated chip junction (DB-S)
    · Low forward voltage drop
    · High surge overload rating: 50 Amperes peak
    · Suitable for printed circuit boards
    · High temperature soldering guaranteed: 260°C for 10 seconds

    ## Mechanical Data
    · Case: Molded plastic, DB-S
    · Epoxy: UL 94V-O flame retardant
    · Terminals: Leads solderable per MIL-STD-202, method 208
    · Mounting position: Any
    · Weight: 0.4g (0.02oz)

    ## Electrical Characteristics (at 25°C)
    · Single phase, half wave, 60Hz, resistive/inductive load (20% current derate for capacitive load)

    Voltage Ratings
    Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S Unit
    Maximum Recurrent Peak Reverse Voltage (VRRM) 50 100 200 400 600 800 1000 Volts
    Maximum RMS Voltage (VRMS) 35 70 140 280 420 560 700 Volts
    Maximum DC Blocking Voltage (VDC) 50 100 200 400 600 800 1000 Volts

    Current & Voltage Characteristics
    Symbol DB101S DB102S DB103S DB104S DB105S DB106S DB107S Unit
    Maximum Average Forward Rectified Current (I(AV)) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Amp
    Peak Forward Surge Current (IFSM) 50 50 50 50 50 50 50 Amp
    Maximum Forward Voltage (VF) 1.1 1.1 1.1 1.1 1.1 1.1 1.1 Volts
    Maximum Reverse Current (IR) 5.0uA 5.0uA 5.0uA 5.0uA 5.0uA 5.0uA 5.0uA uAmp

    Thermal Characteristics
    Symbol Value Unit
    Typical Junction Capacitance (CJ) 25 pF
    Typical Thermal Resistance (RθJA) 40 °C/W
    Typical Thermal Resistance (RθJL) 15 °C/W

    Operating Conditions
    · Operating and Storage Temperature Range: -55°C to +150°C
    · Notes:
    - Measured at 1MHz with 4.0VDC reverse voltage.
    - Current derated for capacitive loads.

    Part No.DB101S-DB-S
    ManufacturerYFWDIODE
    Size531 Kbytes
    Pages2 pages
    DescriptionSINGLE-PHASE GLASS PASSIVATED SILICON SURFACE MOUNT BRIDGE RECTIFIER