| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PDA006A-1A0B-R Datasheet
# Example questions:
➢ What certifications does this led driver have regarding safety approvals?
➢ What wire gauge is specified for the vout+ connection?
➢ What is the range of acceptable operating temperatures for this led driver?
# PDA006A 6W Constant Current LED Driver
## Features
· Low profile design
· Brownout protection
· OVP, OCP, Over-Load & Short-Circuit Protection
· Power Factor ≥0.9
· Very Low Leakage
· Class 2 Output (UL1310) & SELV Compliant
· UL 8750 Compliant & RoHS Compliant
· IP67 Rated
## Applications
· Outdoor Lighting
· Indoor Lighting
## Safety Approvals
· cUL/UL
## Mechanical Characteristics
· Length: 105.8mm (4.17in)
· Height: 20.8mm (0.82in)
· Width: 39.8mm (1.57in)
· Weight: 101g (3.56oz)
## Output Specifications
| Model | DC Output Voltage (Min-Max) | Output Current (Max) | Output Power (Max) |
|---|---|---|---|
| PDA006A-350B-R | 9V - 17V | 350mA | 6W |
| PDA006A-700B-R | 5V - 8.6V | 700mA | 6W |
| PDA006A-1A0B-R | 4V - 6V | 1000mA | 6W |
# PDA006A 6W Constant Current LED Driver
## Features
· Low profile design
· Brownout protection
· OVP, OCP, Over-Load & Short-Circuit Protection
· Power Factor ≥0.9
· Very Low Leakage
· Class 2 Output (UL1310) & SELV Compliant
· UL 8750 Compliant & RoHS Compliant
· IP67 Rated
## Applications
· Outdoor Lighting
· Indoor Lighting
## Safety Approvals
· cUL/UL
## Mechanical Characteristics
· Length: 105.8mm (4.17in)
· Height: 20.8mm (0.82in)
· Width: 39.8mm (1.57in)
· Weight: 101g (3.56oz)
## Output Specifications
| Model | DC Output Voltage (Min-Max) | Output Current (Max) | Output Power (Max) |
|---|---|---|---|
| PDA006A-350B-R | 9V - 17V | 350mA | 6W |
| PDA006A-700B-R | 5V - 8.6V | 700mA | 6W |
| PDA006A-1A0B-R | 4V - 6V | 1000mA | 6W |
| Part No. | PDA006A-1A0B-R |
| Manufacturer | PHIHONG |
| Size | 131 Kbytes |
| Pages | 2 pages |
| Description | 6W Constant Current LED Driver PDA006A Waterproof LED Power Supply |