전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ILL069V2 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about STEVAL-ILL069V2 Datasheet

  • # Example questions: ➢ What safety standard does this product comply with?
    ➢ What is the operating frequency range for the input voltage of this converter?
    ➢ What is the maximum current that the auxiliary output can supply?

  • Part No.STEVAL-ILL069V2
    ManufacturerSTMICROELECTRONICS
    Size295 Kbytes
    Pages5 pages
    DescriptionShort circuit protection with auto restart
    Datasheet Summary with AI

    # STEVAL-ILL069V2 - 35W Flyback Converter

    ## Description
    A data brief for a 35W wide input range flyback converter board designed for applications like LED drivers. It delivers a stable and insulated 48V output and includes an auxiliary 16V output.

    ## Features
    · Input Voltage: 90 - 305 Vrms, 45 - 66 Hz
    · Output Voltage: 48 V / 730 mA
    · Auxiliary Output: 16V (max 20mA)
    · Efficiency: 90% (full load)
    · No-load Consumption: < 250 mW @ 230 Vin
    · Protection: Short circuit with auto restart
    · Compliance: EN60065, RoHS
    · PCB Size: 130 mm x 50 mm

    ## Key Components & Technologies
    · Controller: HVLED001A (quasi resonant flyback)
    · MOSFET: STF10LN80K5
    · High Power Factor: Achieved through HVLED001A features.
    · Frequency Fold-back: Improves efficiency at low loads & reduces ripple.


    ## Revision History
    · September 15, 2016 (Version 1): Initial Release.

    ## Important Notice
    STMicroelectronics reserves the right to modify products and documentation without notice. Purchasers are responsible for product selection and application.

    # STEVAL-ILL069V2 - 35W Flyback Converter

    ## Description
    A data brief for a 35W wide input range flyback converter board designed for applications like LED drivers. It delivers a stable and insulated 48V output and includes an auxiliary 16V output.

    ## Features
    · Input Voltage: 90 - 305 Vrms, 45 - 66 Hz
    · Output Voltage: 48 V / 730 mA
    · Auxiliary Output: 16V (max 20mA)
    · Efficiency: 90% (full load)
    · No-load Consumption: < 250 mW @ 230 Vin
    · Protection: Short circuit with auto restart
    · Compliance: EN60065, RoHS
    · PCB Size: 130 mm x 50 mm

    ## Key Components & Technologies
    · Controller: HVLED001A (quasi resonant flyback)
    · MOSFET: STF10LN80K5
    · High Power Factor: Achieved through HVLED001A features.
    · Frequency Fold-back: Improves efficiency at low loads & reduces ripple.

    ## Revision History
    · September 15, 2016 (Version 1): Initial Release.

    ## Important Notice
    STMicroelectronics reserves the right to modify products and documentation without notice. Purchasers are responsible for product selection and application.

    Part No.STEVAL-ILL069V2
    ManufacturerSTMICROELECTRONICS
    Size295 Kbytes
    Pages5 pages
    DescriptionShort circuit protection with auto restart