전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1684 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2SC1684 Datasheet

  • # Example questions: ➢ What is the typical vce(sat) value at ic = 100ma and ib = 10ma?
    ➢ What is the storage temperature range for the 2sc1684?
    ➢ What is the maximum collector current (ic) for the 2sc1684?

  • Part No.2SC1684
    ManufacturerFOSHAN
    Size690 Kbytes
    Pages5 pages
    DescriptionSilicon NPN transistor in a TO-92 Plastic Package
    Datasheet Summary with AI

    # 2SC1684 Datasheet Summary

    Description: NPN Silicon Transistor in a TO-92 Plastic Package.

    Key Features:

    ️· High DC current gain (hFE)
    ️· Low Collector-Emitter Saturation Voltage (VCE(sat))
    ️· General Purpose Amplifier

    Absolute Maximum Ratings (Ta=25°C):

    ️· Collector-Base Voltage (VCBO): 30V
    ️· Collector-Emitter Voltage (VCEO): 25V
    ️· Emitter-Base Voltage (VEBO): 7.0V
    ️· Collector Current (IC): 100mA
    ️· Collector Current (Pulse)(ICP): 200mA
    ️· Collector Power Dissipation (PC): 400mW
    ️· Junction Temperature (Tj): 150°C
    ️· Storage Temperature Range (Tstg): -55°C to 150°C


    Electrical Characteristics (Ta=25°C):

    ️· hFE (Current Gain): Varies depending on the 'Q', 'R', or 'S' marking (160-460)
    ️· VCE(sat): 0.15V - 0.5V
    ️· fT (Transition Frequency): 150 MHz
    ️· Cob (Collector Output Capacitance): 3.5pF
    ️· NV (Noise Figure): 300 mV

    Package and Marking:

    ️· TO-92 Plastic Package
    ️· Marking includes company code, product type, and hFE classification

    Packaging Options:

    ️· Bulk: 1,000 per bag, 10,000 per inner box, 50,000 per outer box
    ️· Ammo/Tape: 3,000 per reel, 120 per inner box, 10 per outer box, small box dimensions 328x230x42, large box dimensions 547x407x268

    # 2SC1684 Datasheet Summary

    Description: NPN Silicon Transistor in a TO-92 Plastic Package.

    Key Features:

    ️· High DC current gain (hFE)
    ️· Low Collector-Emitter Saturation Voltage (VCE(sat))
    ️· General Purpose Amplifier

    Absolute Maximum Ratings (Ta=25°C):

    ️· Collector-Base Voltage (VCBO): 30V
    ️· Collector-Emitter Voltage (VCEO): 25V
    ️· Emitter-Base Voltage (VEBO): 7.0V
    ️· Collector Current (IC): 100mA
    ️· Collector Current (Pulse)(ICP): 200mA
    ️· Collector Power Dissipation (PC): 400mW
    ️· Junction Temperature (Tj): 150°C
    ️· Storage Temperature Range (Tstg): -55°C to 150°C

    Electrical Characteristics (Ta=25°C):

    ️· hFE (Current Gain): Varies depending on the 'Q', 'R', or 'S' marking (160-460)
    ️· VCE(sat): 0.15V - 0.5V
    ️· fT (Transition Frequency): 150 MHz
    ️· Cob (Collector Output Capacitance): 3.5pF
    ️· NV (Noise Figure): 300 mV

    Package and Marking:

    ️· TO-92 Plastic Package
    ️· Marking includes company code, product type, and hFE classification

    Packaging Options:

    ️· Bulk: 1,000 per bag, 10,000 per inner box, 50,000 per outer box
    ️· Ammo/Tape: 3,000 per reel, 120 per inner box, 10 per outer box, small box dimensions 328x230x42, large box dimensions 547x407x268

    Part No.2SC1684
    ManufacturerFOSHAN
    Size690 Kbytes
    Pages5 pages
    DescriptionSilicon NPN transistor in a TO-92 Plastic Package