| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AX93A09 Datasheet
# Example questions:
➢ What are the compatible product lines (pico series) for the ax93a00 i/o board?
➢ Identify at least three different types of leds and their functionalities as indicated in the document.
➢ What are the common interfaces supported by the ax93275 and ax93276 i/o boards?
## I/O Board for Pico-ITX Boards
Overview:
This document details various I/O boards designed for Pico-ITX systems, specifying their features, compatible products, and ordering information. Several models are listed, including AX93265, AX93267, AX93283, AX93275, AX93276, AX93292, AX93299, AX93A00, AX93A01, AX93A02, AX93A09 and others, each with unique specifications.
Key Features & Specifications:
️· Connectivity: Boards offer a combination of RS-232/422/485 ports, RS-232 ports, Audio (Mic-in/Line-out), USB 2.0 & 3.0 ports, VGA, DC Jack, HDMI, and Gigabit LAN.
️· Control: Includes power-on/reset controls and LED indicators (Red for HDD, Green for power-on).
️· Dimensions: Primarily 118 x 29 mm or 118 x 40 mm, with one exception at 100 x 26 mm.
️· Compatible Products: Boards are designed to work with various Pico-ITX systems, including PICO830, PICO831, PICO841, PICO843, PICO880, PICO500, PICO300, PICO310, PICO312, PICO511, PICO512, and PICO313.
Ordering Information:
Each board has a unique part number (e.g., AX93275, P/N: E393275102). Refer to the table for detailed specifications and part numbers.
## I/O Board for Pico-ITX Boards
Overview:
This document details various I/O boards designed for Pico-ITX systems, specifying their features, compatible products, and ordering information. Several models are listed, including AX93265, AX93267, AX93283, AX93275, AX93276, AX93292, AX93299, AX93A00, AX93A01, AX93A02, AX93A09 and others, each with unique specifications.
Key Features & Specifications:
️· Connectivity: Boards offer a combination of RS-232/422/485 ports, RS-232 ports, Audio (Mic-in/Line-out), USB 2.0 & 3.0 ports, VGA, DC Jack, HDMI, and Gigabit LAN.
️· Control: Includes power-on/reset controls and LED indicators (Red for HDD, Green for power-on).
️· Dimensions: Primarily 118 x 29 mm or 118 x 40 mm, with one exception at 100 x 26 mm.
️· Compatible Products: Boards are designed to work with various Pico-ITX systems, including PICO830, PICO831, PICO841, PICO843, PICO880, PICO500, PICO300, PICO310, PICO312, PICO511, PICO512, and PICO313.
Ordering Information:
Each board has a unique part number (e.g., AX93275, P/N: E393275102). Refer to the table for detailed specifications and part numbers.
| Part No. | AX93A09 |
| Manufacturer | AXIOMTEK |
| Size | 338 Kbytes |
| Pages | 2 pages |
| Description | Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out) |