| 전자부품 데이터시트 검색엔진 |
|
The question interval is too short.
Please try again in a few seconds.
# PCMP 384 Metallized Polypropylene Film Capacitors
## General Information
️· Type: Metallized Polypropylene Film Capacitors
️· Pitch: Available in 10.0, 15.0, 22.5, and 27.5 mm pitch. Reduced pitch options (7.5mm) also available.
️· Applications: Electronic lighting (ballasts), S-correction, fly-back circuits (TVs), UPS, inverters, IGBT snubbers, power semiconductor protection.
️· Safety: Qualified per UL94V-0. Refer to caution/warning at [http://www.pilkor.co.kr/download/Introductions.pdf](http://www.pilkor.co.kr/download/Introductions.pdf).
## Electrical Characteristics
️· Capacitance Range: 0.00022 μF to 1.0 μF (E24 series)
️· Capacitance Tolerance: ±3.5%, ±5%, ±10%
️· Rated Voltage (DC): 250V, 400V, 630V, 800V, 1000V, 1250V, 1600V, 2000V, 2500V
️· Climatic Category: 55/105/56
️· Temperature Range: -55°C to +105°C
️· Reference Specification: IEC 60384-17 / 16
## Features
️· Double-sided metallized electrodes
️· Low contact resistance
️· Low loss dielectric
️· Small dimensions for high-density packaging
️· Supplied loose in box and ammo pack
## Ordering Information & Packaging
️· Voltage Codes: 4=250V, 5=400V, 6=630V, C=630V mini, 1=630V(400Vac), M=800V, 7=1000V, D=1000V mini, N=1250V, 8=1600V, 9=2000V, 2=2000V(700Vac), 0=2500V
️· Pitch Codes: D=10.0mm, F=15.0mm, J=22.5mm, L=27.5mm
️· Packaging: Loose in box or ammo pack.
️· SPQ (Smallest Packing Quantity): Varies based on dimensions (see datasheet for details - ranging from 200 to 1000+ units per box).
️· Detailed dimensional tables are provided on the datasheet, specifying body size (b x h x l in mm), mass, and available pitches. The datasheet includes extensive tables showing catalog numbers for different capacitance, tolerance, and packaging combinations.
# PCMP 384 Metallized Polypropylene Film Capacitors
## General Information
️· Type: Metallized Polypropylene Film Capacitors
️· Pitch: Available in 10.0, 15.0, 22.5, and 27.5 mm pitch. Reduced pitch options (7.5mm) also available.
️· Applications: Electronic lighting (ballasts), S-correction, fly-back circuits (TVs), UPS, inverters, IGBT snubbers, power semiconductor protection.
️· Safety: Qualified per UL94V-0. Refer to caution/warning at [http://www.pilkor.co.kr/download/Introductions.pdf](http://www.pilkor.co.kr/download/Introductions.pdf).
## Electrical Characteristics
️· Capacitance Range: 0.00022 μF to 1.0 μF (E24 series)
️· Capacitance Tolerance: ±3.5%, ±5%, ±10%
️· Rated Voltage (DC): 250V, 400V, 630V, 800V, 1000V, 1250V, 1600V, 2000V, 2500V
️· Climatic Category: 55/105/56
️· Temperature Range: -55°C to +105°C
️· Reference Specification: IEC 60384-17 / 16
## Features
️· Double-sided metallized electrodes
️· Low contact resistance
️· Low loss dielectric
️· Small dimensions for high-density packaging
️· Supplied loose in box and ammo pack
## Ordering Information & Packaging
️· Voltage Codes: 4=250V, 5=400V, 6=630V, C=630V mini, 1=630V(400Vac), M=800V, 7=1000V, D=1000V mini, N=1250V, 8=1600V, 9=2000V, 2=2000V(700Vac), 0=2500V
️· Pitch Codes: D=10.0mm, F=15.0mm, J=22.5mm, L=27.5mm
️· Packaging: Loose in box or ammo pack.
️· SPQ (Smallest Packing Quantity): Varies based on dimensions (see datasheet for details - ranging from 200 to 1000+ units per box).
️· Detailed dimensional tables are provided on the datasheet, specifying body size (b x h x l in mm), mass, and available pitches. The datasheet includes extensive tables showing catalog numbers for different capacitance, tolerance, and packaging combinations.
| Part No. | PCMP384D08 |
| Manufacturer | WPI |
| Size | 324 Kbytes |
| Pages | 26 pages |
| Description | Small dimension for high density packaging |