전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTZ-35V102MJHT-R5 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RTZ-35V102MJHT-R5 Datasheet

  • # Example questions: ➢ What is the minimum quantity of this capacitor that is typically supplied in a standard packaging?
    ➢ What are the physical dimensions – specifically the diameter (φd) and length (l) – of this capacitor?
    ➢ What is the maximum ripple current this capacitor can handle at 100khz and 105°c?

  • Part No.RTZ-35V102MJHT-R5
    ManufacturerTAIYO-YUDEN
    Size250 Kbytes
    Pages2 pages
    DescriptionVERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTZ]
    Datasheet Summary with AI

    # RTZ-35V102MJHT-R5 Aluminum Electrolytic Capacitor

    ## Electrical Characteristics

    ️· Capacitance: 1000 µF ± 20%
    ️· Rated Voltage: 35 V
    ️· tanδ (max): 0.14
    ️· Leakage Current (min): 350 µA at 2 min
    ️· Rated Ripple (max): 1540 mArms at 100 kHz / 105 °C
    ️· Impedance Ratio: 2 @ -25°C/+20°C, 3 @ -55°C/+20°C
    ️· Impedance (max): 0.046 Ω at 100 kHz / 20 °C

    ## Physical Characteristics

    ️· Type: Vertical Chip (SMD)
    ️· Dimensions:
    - Diameter (φD): 16 ± 0.5 mm
    - Length (L): 16.5 ± 0.5 mm
    - Lead Pitch (P): 7.2 mm (Typ)
    - Can Diameter (φC): 5.6 mm (Typ)


    ## Reliability & Compliance

    ️· Operating Temperature Range: -55 to +105 °C
    ️· Endurance: 5000 hr at 105 °C (Capacitance change within ±25%, tanδ change ≤ 200%)
    ️· RoHS2 Compliance: Yes
    ️· REACH Compliance: Yes
    ️· Packaging: Taping Embossed
    ️· Standard Packaging Quantity (minimum): 125

    ## Important Notes

    ️· Data sheet values are reference only, and can vary.
    ️· Validation and verification in actual use conditions are recommended.
    ️· Intended for general electronic equipment, automotive interior, and industrial use.
    ️· Not intended for high-reliability applications without further safety evaluation.
    ️· Ensure compliance with export regulations.

    # RTZ-35V102MJHT-R5 Aluminum Electrolytic Capacitor

    ## Electrical Characteristics

    ️· Capacitance: 1000 µF ± 20%
    ️· Rated Voltage: 35 V
    ️· tanδ (max): 0.14
    ️· Leakage Current (min): 350 µA at 2 min
    ️· Rated Ripple (max): 1540 mArms at 100 kHz / 105 °C
    ️· Impedance Ratio: 2 @ -25°C/+20°C, 3 @ -55°C/+20°C
    ️· Impedance (max): 0.046 Ω at 100 kHz / 20 °C

    ## Physical Characteristics

    ️· Type: Vertical Chip (SMD)
    ️· Dimensions:
    - Diameter (φD): 16 ± 0.5 mm
    - Length (L): 16.5 ± 0.5 mm
    - Lead Pitch (P): 7.2 mm (Typ)
    - Can Diameter (φC): 5.6 mm (Typ)

    ## Reliability & Compliance

    ️· Operating Temperature Range: -55 to +105 °C
    ️· Endurance: 5000 hr at 105 °C (Capacitance change within ±25%, tanδ change ≤ 200%)
    ️· RoHS2 Compliance: Yes
    ️· REACH Compliance: Yes
    ️· Packaging: Taping Embossed
    ️· Standard Packaging Quantity (minimum): 125

    ## Important Notes

    ️· Data sheet values are reference only, and can vary.
    ️· Validation and verification in actual use conditions are recommended.
    ️· Intended for general electronic equipment, automotive interior, and industrial use.
    ️· Not intended for high-reliability applications without further safety evaluation.
    ️· Ensure compliance with export regulations.

    Part No.RTZ-35V102MJHT-R5
    ManufacturerTAIYO-YUDEN
    Size250 Kbytes
    Pages2 pages
    DescriptionVERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTZ]