전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PJSD24TS 데이터시트 (PDF) - Pan Jit International Inc.

PJSD24TS Datasheet PDF - Pan Jit International Inc.
부품명 PJSD24TS
다운로드  PJSD24TS 다운로드
파일 크기   45.76 Kbytes
페이지   3 Pages
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
상세설명 120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS

PJSD24TS Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
PJSD24TS Datasheet PDF - Pan Jit International Inc.

부품명 PJSD24TS
다운로드  PJSD24TS Click to download

파일 크기   45.76 Kbytes
페이지   3 Pages
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
상세설명 120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS

PJSD24TS 데이터시트 (HTML) - Pan Jit International Inc.


PJSD24TS 제품 세부 정보

VOLTAGE 3~36 Volt POWER 120 Watt

FEATURES
• 120 Watts peak pules power( tp=8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’S in ESD protection applications
• Low clamping voltage and leakage current
• Lead free in compliance with EU RoHS 2011/65/EU directive

APPLICATIONS
• Case: SOD-523 plastic
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx Weight: 0.00005 ounces, 0.0014 grams
• Marking : PJSD03TS : KD
   PJSD05TS : KE
   PJSD07TS : KF
   PJSD08TS : KR
   PJSD12TS : LE
   PJSD15TS : LM
   PJSD24TS : LZ
   PJSD36TS : MP




유사한 부품 번호 - PJSD24TS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
PJSD24TS PANJIT-PJSD24TS Datasheet
53Kb / 3P
120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
PJSD24TS PANJIT-PJSD24TS Datasheet
101Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD24TS-AU PANJIT-PJSD24TS-AU Datasheet
188Kb / 6P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
More results


유사한 설명 - PJSD24TS

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
PJSD05 PANJIT-PJSD05 Datasheet
63Kb / 3P
350W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG05DBTFC KEC-PG05DBTFC Datasheet
31Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05DBVSC KEC-PG05DBVSC Datasheet
31Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD03TS PANJIT-PJSD03TS Datasheet
53Kb / 3P
120W, LOW CLAMPING VOLTAGE TVS FOR PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG03DBTFC KEC-PG03DBTFC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG03DBVSC KEC-PG03DBVSC_07 Datasheet
437Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05BAUSM KEC-PG05BAUSM_08 Datasheet
90Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05FBESC KEC-PG05FBESC Datasheet
394Kb / 2P
TVS Diode for ESD Protection in Portable Electronics
PG05TAVSM KEC-PG05TAVSM Datasheet
55Kb / 3P
TVS Diode for ESD Protection in Portable Electronics
PG28CUS23 KEC-PG28CUS23 Datasheet
408Kb / 3P
Low Voltage EPD TVS Diode for ESD Protection in Portable Electronics
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com