전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0915438 데이터시트 (PDF) - PHOENIX CONTACT

0915438 Datasheet PDF - PHOENIX CONTACT
부품명 0915438
다운로드  0915438 다운로드

파일 크기   153.19 Kbytes
페이지   8 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A

0915438 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
0915438 Datasheet PDF - PHOENIX CONTACT

부품명 0915438
다운로드  0915438 Click to download

파일 크기   153.19 Kbytes
페이지   8 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 Thermomagnetic device circuit breaker - TMC 3 M1 122 12,0A

0915438 데이터시트 (HTML) - PHOENIX CONTACT


0915438 제품 세부 정보

Thermomagnetic circuit breaker, 3-pos., normal blow, 1 N/O contact and 2 N/C contact, with universal foot for mounting on NS 32 or NS 35




유사한 부품 번호 - 0915438

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0915445 PHOENIX-0915445 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 32,0A
2/3/14
0915446 PHOENIX-0915446 Datasheet
48Kb / 3P
Fuse modular terminal block - TMC 3 M1 122 0,1A
2/3/14
0915467 PHOENIX-0915467 Datasheet
61Kb / 5P
Thermomagnetic device circuit breaker - TMC 2 M1 110 2,0A
07/19/2018
0915470 PHOENIX-0915470 Datasheet
58Kb / 4P
Fuse modular terminal block - TMC 1 M1 100 20,0A
05.10.2012
0915496 PHOENIX-0915496 Datasheet
91Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A 500V
07/19/2018
More results


유사한 설명 - 0915438

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
0915373 PHOENIX-0915373 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A
11.06.2012
0915399 PHOENIX-0915399 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 5,0A
11.06.2012
0915072 PHOENIX-0915072 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 12,0A
11.06.2012
0915496 PHOENIX-0915496 Datasheet
91Kb / 8P
Thermomagnetic device circuit breaker - TMC 3 M1 122 3,0A 500V
07/19/2018
0914895 PHOENIX-0914895 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A
0914497 PHOENIX-0914497 Datasheet
154Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 5,0A
11.06.2012
0914976 PHOENIX-0914976 Datasheet
128Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 M1 120 1,0A
04.10.2012
0915056 PHOENIX-0915056 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 8,0A
11.06.2012
0915467 PHOENIX-0915467 Datasheet
61Kb / 5P
Thermomagnetic device circuit breaker - TMC 2 M1 110 2,0A
07/19/2018
0914426 PHOENIX-0914426 Datasheet
162Kb / 8P
Thermomagnetic device circuit breaker - TMC 1 M1 100 0,8A
04.10.2012
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com