전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRM155R60J226ME 데이터시트 (PDF) - Kinetic Technologies.

GRM155R60J226ME Datasheet PDF - Kinetic Technologies.
부품명 GRM155R60J226ME
다운로드  GRM155R60J226ME 다운로드
파일 크기   1548.01 Kbytes
페이지   25 Pages
제조업체  KINETIC [Kinetic Technologies.]
홈페이지  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
상세설명 3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator

GRM155R60J226ME Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
GRM155R60J226ME Datasheet PDF - Kinetic Technologies.

부품명 GRM155R60J226ME
다운로드  GRM155R60J226ME Click to download

파일 크기   1548.01 Kbytes
페이지   25 Pages
제조업체  KINETIC [Kinetic Technologies.]
홈페이지  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.
상세설명 3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator

GRM155R60J226ME 데이터시트 (HTML) - Kinetic Technologies.


GRM155R60J226ME 제품 세부 정보

Features

• 2.7 to 5.5V Input Voltage Range
• 0.6 to 3.345V Programmable Output Voltage
 6.25mV steps below 1.39375V
 15mV steps above 1.44V
• 3.0A Output Current
• ±1% Accuracy at TA = +25°C
 ±2.5% over line/load/temp/setting
• Fast Transient Response
• Dynamic Voltage Scaling (DVS) with 8 ramp rates
• Soft-Start with 10 ramp rates
• 89% Peak Efficiency at Vout = 1.15625V
• 2.4MHz with Auto-Skip at light loads
 Programmable forced-PWM mode
• 48uA typ. No-Load Supply Current in Skip Mode
• Tiny External Components
 L = 330 or 470nH (2012 or 2016 metric size)
 Cin = 10μF (0402), Cout = 2x22μF (2x0402)
• Over-Current, Short-Circuit, Under/Over-VIN, and
Thermal Shutdown Protections
• 1MHz I2C Interface
• Open-Drain ̅I̅R̅̅Q̅̅ Output Flag
• -40°C to 85°C Operating Temperature Range
• 15-bump Pb-free WLCSP (0.4mm pitch)
 1.340 x 2.045mm (0.6mm height)
 Pin/Register Compatible with FAN53526

Brief Description

The KTB8331 is a precision adaptive-on-time (AOT)
buck switching regulator with class-leading accuracy,
transient response, efficiency, and solution size
optimized for mobile and non-mobile application. It is
I2C programmable for output voltages in the 0.6V to
3.345V range. It features soft-start and DVS with
multiple programmable ramp rates. Versions with
various default settings can be ordered. The features
and performance make the KTB8331 suitable for a
variety of applications including CPU/GPU core, DSP
and baseband, DDR memory, VIO, and sensor/analog
power.
The KTB8331 is available in RoHS and Green
compliant 15-bump 1.340mm x 2.045mm x 0.6mm
wafer-level chip-scale package (WLCSP).

Applications

• CPU, GPU, AP, DSP, FPGA, I/O, XCVR Power
• HDD, LPDDR3, LPDDR4 Memory Power
• Tablets, Netbooks, Ultra-Books
• Smartphones, Mobile Internet Devices, IoT
• DSC, Drones, Gaming Consoles, Accessories




유사한 부품 번호 - GRM155R60J226ME

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
GRM155R60J222KA01 MURATA1-GRM155R60J222KA01 Datasheet
783Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM155R60J222KA01D MURATA1-GRM155R60J222KA01D Datasheet
783Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM155R60J222KA01J MURATA1-GRM155R60J222KA01J Datasheet
783Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM155R60J222KA01W MURATA1-GRM155R60J222KA01W Datasheet
783Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
GRM155R60J223KA01 MURATA1-GRM155R60J223KA01 Datasheet
784Kb / 30P
Chip Multilayer Ceramic Capacitors for General Purpose
More results


유사한 설명 - GRM155R60J226ME

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Linear Technology
LTC3447 LINER-LTC3447_15 Datasheet
570Kb / 16P
I2C Controllable Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
3A, 18V, Buck Regulator
logo
Exar Corporation
SPX29300 EXAR-SPX29300 Datasheet
648Kb / 10P
3A Low Dropout Voltage Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Kinetic Technologies.
KTB8330 KINETIC-KTB8330 Datasheet
154Kb / 2P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com