전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

35010/15 데이터시트 (PDF) - Alpha Wire

35010/15 Datasheet PDF - Alpha Wire
부품명 35010/15
다운로드  35010/15 다운로드

파일 크기   98.2 Kbytes
페이지   4 Pages
제조업체  ALPHAWIRE [Alpha Wire]
홈페이지  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
상세설명 Customer Specification

35010/15 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
35010/15 Datasheet PDF - Alpha Wire

부품명 35010/15
다운로드  35010/15 Click to download

파일 크기   98.2 Kbytes
페이지   4 Pages
제조업체  ALPHAWIRE [Alpha Wire]
홈페이지  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
상세설명 Customer Specification

35010/15 데이터시트 (HTML) - Alpha Wire

35010/15 Datasheet HTML 1Page - Alpha Wire 35010/15 Datasheet HTML 2Page - Alpha Wire 35010/15 Datasheet HTML 3Page - Alpha Wire 35010/15 Datasheet HTML 4Page - Alpha Wire

35010/15 제품 세부 정보

Construction
Diameters (In)
1) Component 1 15 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 6 GREEN 11 WHITE/BLACK
2 BROWN 7 BLUE 12 WHITE/BROWN
3 RED 8 VIOLET 13 WHITE/RED
4 ORANGE 9 SLATE 14 WHITE/ORANGE
5 YELLOW 10 WHITE 15 WHITE/YELLOW
2) Cable Assembly 15 Components Cabled
a) Twists: 3.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap Clear Mylar Tape, 25% Overlap, Min.
3) Jacket 0.032" Wall, Nom.,Polyethylene (PE) 0.297 (0.313 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 35010/15 15C 22 AWG
XTRAGUARD(R) 3 80C 300 VOLTS CE ROHS
(SEQ FOOTAGE)
* = Factory Code



유사한 부품 번호 - 35010/15

제조업체부품명데이터시트상세설명
Molex Electronics Ltd.
Molex Electronics Ltd.
350102 MOLEX5-350102 Datasheet
277Kb / 3P
   3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 2 Circuits
350102 MOLEX11-350102 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 2 Circuits
Lumberg
Lumberg
350103 LUMBERG-350103 Datasheet
92Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
Molex Electronics Ltd.
Molex Electronics Ltd.
350103 MOLEX5-350103 Datasheet
277Kb / 3P
   3.50mm (.138") Pitch Beau Eurostyle??Fixed Mount PCB Terminal Block, 3 Circuits
350103 MOLEX11-350103 Datasheet
38Kb / 2P
   3.50mm Pitch Beau Eurostyle Fixed Mount PCB Terminal Block, 3 Circuits
More results

유사한 설명 - 35010/15

제조업체부품명데이터시트상세설명
Alpha Wire
Alpha Wire
PVT1028 ALPHAWIRE-PVT1028 Datasheet
70Kb / 3P
   Customer Specification
PVT1430 ALPHAWIRE-PVT1430 Datasheet
70Kb / 3P
   Customer Specification
XS300113 ALPHAWIRE-XS300113 Datasheet
69Kb / 3P
   Customer Specification
5010-25C ALPHAWIRE-5010-25C Datasheet
72Kb / 3P
   Customer Specification
5010-60C ALPHAWIRE-5010-60C Datasheet
74Kb / 6P
   Customer Specification
5010C ALPHAWIRE-5010C Datasheet
71Kb / 3P
   Customer Specification
1604 ALPHAWIRE-1604_14 Datasheet
106Kb / 4P
   Customer Specification
5650B2008 ALPHAWIRE-5650B2008 Datasheet
107Kb / 4P
   Customer Specification
9159 ALPHAWIRE-9159 Datasheet
106Kb / 4P
   Customer Specification
9810 ALPHAWIRE-9810_14 Datasheet
106Kb / 4P
   Customer Specification
9848 ALPHAWIRE-9848 Datasheet
106Kb / 4P
   Customer Specification
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com