전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

346-039-558-658 데이터시트 (PDF) - EDAC, All Rights Reserved.

346-039-558-658 Datasheet PDF - EDAC, All Rights Reserved.
부품명 346-039-558-658
다운로드  346-039-558-658 다운로드

파일 크기   276.4 Kbytes
페이지   3 Pages
제조업체  EDAC [EDAC, All Rights Reserved.]
홈페이지  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
상세설명 346 Series Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height

346-039-558-658 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
346-039-558-658 Datasheet PDF - EDAC, All Rights Reserved.

부품명 346-039-558-658
다운로드  346-039-558-658 Click to download

파일 크기   276.4 Kbytes
페이지   3 Pages
제조업체  EDAC [EDAC, All Rights Reserved.]
홈페이지  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
상세설명 346 Series Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height

346-039-558-658 데이터시트 (HTML) - EDAC, All Rights Reserved.

346-039-558-658 Datasheet HTML 1Page - EDAC, All Rights Reserved. 346-039-558-658 Datasheet HTML 2Page - EDAC, All Rights Reserved. 346-039-558-658 Datasheet HTML 3Page - EDAC, All Rights Reserved.

346-039-558-658 제품 세부 정보

Features


  • .125" (3.175mm) Contact Spacing x .250" (6.35mm) Row Spacing

  • Accepts .062" (1.57mm) Nominal Thickness P.C. Board

  • High Profile Insulator Body, .600" (15.24mm)

  • Contact Termination Options include P.C. Tail, Wire Wrap, 90 Degree Bends and Extender Board Bends

  • Single or Dual Row Configurations

  • Large Variety of Mounting Options, Flush or Offset Lugs

  • Accepts between Contact and In-Contact Polarizing Keys

  • Pre-assembled Card Guides are available

  • Automatic Wire Wrap Positioning Holes

  • RoHS Compliant & UL Certified




유사한 부품 번호 - 346-039-558-658

제조업체부품명데이터시트상세설명
logo
EDAC, All Rights Reserv...
346-005-500-101 EDAC-346-005-500-101 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
346-005-500-101 EDAC-346-005-500-101 Datasheet
84Kb / 2P
   346 Series,Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
346-005-500-102 EDAC-346-005-500-102 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
346-005-500-102 EDAC-346-005-500-102 Datasheet
84Kb / 2P
   346 Series,Card Edge Connector | Green | 0.125" (3.175mm) Pitch | 0.250" (6.35mm) Row Spacing | 0.600" (15.24mm) Insulator Height
346-005-500-103 EDAC-346-005-500-103 Datasheet
298Kb / 3P
   Card Edge Connectors 0.125” (3.175mm) Pitch
More results





링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com