전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC68HC05T10 데이터시트 (PDF) - NXP Semiconductors

MC68HC05T10 Datasheet PDF - NXP Semiconductors
부품명 MC68HC05T10
다운로드  MC68HC05T10 다운로드
파일 크기   9808.8 Kbytes
페이지   120 Pages
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors
상세설명 8-Bit Microcomputers

MC68HC05T10 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MC68HC05T10 Datasheet PDF - NXP Semiconductors

부품명 MC68HC05T10
다운로드  MC68HC05T10 Click to download

파일 크기   9808.8 Kbytes
페이지   120 Pages
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors
상세설명 8-Bit Microcomputers

MC68HC05T10 데이터시트 (HTML) - NXP Semiconductors


MC68HC05T10 제품 세부 정보

FEATURES
The following are some of the hardware and software highlights of the MC68HC05T10. HARDWARE FEATURES * HCMOS Technology * 8-bit Architecture * CPU core as MC68HC05C4 * Power saving Wait and Standby modes * 320 bytes of on-chip RAM 12000 bytes of on-chip ROM 20 Bidirectional I/O lines, 4 input lines (including A/D input) 2.1 MHz Internal Operating Frequency at 5 Volts * 16 bit programmable timer and one 50/60 Hz 5 bits real time clock timer * Self-Check mode * 8 channels 6-Bit DAC Port and one channel 14-bit DAC * 1 channel 8-Bit ADC * On Screen Display System * Automatic Adjusted Multi-System display Programmable character display of 10 rows by 18 columns * Double Height, Double Width character size independently selectable * 4 character colors per row selectable out of 8 colors * Character Black-Edge (4-sided) feature * Continuous horizontal/vertical lines for linear scale * Programmable window feature with 8 colors selectable * 64 character set * 8 x 11 character dot matrix for PAL system and 8 x 13 for NTSC system Half-dot shift for hardware character rounding M-Bus (12C) Interface System (handling Multi-Master protocol) *Keyboard interrupt * External interrupt enable independently * Master Reset and Power-On Reset * POR bit allowing the user to distinguish Power-On from Master Reset * Single 5 Volts +10% supply * On-chip crystal oscillator 56-pin plastic SDIP Package




유사한 부품 번호 - MC68HC05T10

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
8-Bit Microcomputer Unit
logo
Motorola, Inc
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05T16 NXP-MC68HC05T16 Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T16D/H NXP-MC68HC05T16D/H Datasheet
1Mb / 128P
The MC68HC05T16 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
MC68HC05T1FN NXP-MC68HC05T1FN Datasheet
3Mb / 40P
8-Bit Microcomputer Unit
More results


유사한 설명 - MC68HC05T10

제조업체부품명데이터시트상세설명
logo
NEC
UPD78P324 NEC-UPD78P324 Datasheet
545Kb / 80P
16-/8-Bit Single-Chip Microcomputers
logo
Hynix Semiconductor
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
logo
Intel Corporation
P8031AH INTEL-P8031AH Datasheet
1,021Kb / 14P
8 BIT CONTROL ORIENTED MICROCOMPUTERS
logo
Panasonic Semiconductor
MN18982 PANASONIC-MN18982 Datasheet
1Mb / 14P
8-Bit Single-Chip Dual Microcomputers
logo
NEC
UPD8049H NEC-UPD8049H Datasheet
896Kb / 13P
High-Speed, 8-Bit, Single-Chip Hmos Microcomputers
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
CMOS 8-Bit Single-Chip Microcomputers
logo
Hitachi Semiconductor
HD4074344 HITACHI-HD4074344 Datasheet
610Kb / 100P
4-bit microcomputers
logo
Freescale Semiconductor...
MC68HC05C4 FREESCALE-MC68HC05C4 Datasheet
7Mb / 137P
8-Bit Microcomputers
MC6805S2 FREESCALE-MC6805S2 Datasheet
8Mb / 148P
8-Bit Microcomputers
logo
NXP Semiconductors
MC68HC05T4 NXP-MC68HC05T4 Datasheet
7Mb / 94P
8-Bit Microcomputers
REV. 2.2
More results




NXP Semiconductors 에 대하여


NXP 반도체는 자동차, 산업, 통신 및 소비자 시장을 포함한 다양한 응용 프로그램을위한 광범위한 반도체 및 통합 회로를 설계, 개발 및 제조하는 공개 거래 다국적 회사입니다.

이 회사는 2006 년에 설립되었으며 네덜란드 아인트호벤에 본사를두고 있습니다.

NXP는 마이크로 컨트롤러, 마이크로 프로세서, 보안 인증 IC, 전력 관리 IC, RF 및 마이크로파 구성 요소, 센서 솔루션을 포함한 광범위한 제품 포트폴리오를 제공합니다.

이 회사의 제품은 에너지 효율적이고 안전하며 신뢰할 수 있도록 설계되었으며 자동차 시스템, 산업 자동화 및 제어, 스마트 주택 및 건물 및 연결된 장치를 포함한 다양한 응용 분야에서 사용됩니다.

NXP는 혁신 및 고객 만족에 전념하고 있으며 고객에게 최고의 반도체 솔루션을 제공하기 위해 최고의 반도체 솔루션을 제공하기 위해 노력하고 있습니다.

*이 정보는 일반적인 정보 제공의 목적으로만 제공되며 위 정보로 인해 발생하는 손실이나 손해에 대해 책임을 지지 않습니다.




링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com