제조업체 | 부품명 | 데이터시트 | 상세설명 |
TAI-SAW TECHNOLOGY CO.,... |
TW0464A
|
142Kb / 8P |
Crystal Oscillator SMD 2.5x2.0 3.5795MHz
REV. NO: 1.0 |
TW0299C
|
172Kb / 9P |
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0 |
TW0451A
|
131Kb / 8P |
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2 |
TZ1300A
|
197Kb / 5P |
SMD 5.0x3.2 24MHz Crystal Unit
REV. NO.: 1 |
TZ2068A
|
182Kb / 8P |
Crystal Unit SMD 2.0x1.6 24MHz
REV. NO.: 5.0 |
TZ2170A
|
169Kb / 8P |
Crystal Unit SMD 2.0x1.6 24MHz
REV. NO.: 3.0 |
TZ2389A
|
116Kb / 7P |
SMD 6.0x3.5 24MHz Crystal Unit
REV. NO.: 1.0 |
TZ1760A
|
174Kb / 8P |
Crystal Unit SMD 2.0x1.6 24MHz
REV. NO.: 4.0 |
TZ0230A
|
403Kb / 8P |
Crystal Unit SMD 5.0x3.2 24MHz
REV. NO.: 4.0 |
TZ2359B
|
165Kb / 8P |
Crystal Unit SMD 2.0x1.6 24MHz
REV. NO.: 3.0 |