전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TW0426A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TW0426A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
부품명 TW0426A
다운로드  TW0426A 다운로드

파일 크기   149.75 Kbytes
페이지   7 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 SMD 3.2x2.5 125MHz Crystal Oscillator

TW0426A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TW0426A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0426A
다운로드  TW0426A Click to download

파일 크기   149.75 Kbytes
페이지   7 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 SMD 3.2x2.5 125MHz Crystal Oscillator

TW0426A 데이터시트 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TW0426A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0426A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0426A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0426A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0426A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0426A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0426A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.

TW0426A 제품 세부 정보

Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Application:
3.3V Supply Voltage Operation / Complementary CMOS Output
Option-able stand-by function for output .




유사한 부품 번호 - TW0426A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0401D TAI-SAW-TW0401D Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
TW0419A TAI-SAW-TW0419A Datasheet
176Kb / 8P
   SMD 3.2x2.5 3.5795MHz Crystal Oscillator
REV. NO.: 2.0
TW0439A TAI-SAW-TW0439A Datasheet
464Kb / 8P
   SMD 2.0x1.6 24.5454MHz Crystal Oscillator
REV. NO.: 1.0
TW0449A TAI-SAW-TW0449A Datasheet
119Kb / 7P
   Crystal Oscillator SMD 7.0x5.0 25.001MHz
REV. NO.: 1.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
   SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
More results


유사한 설명 - TW0426A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0236A TAI-SAW-TW0236A Datasheet
190Kb / 5P
   SMD 7.0x5.0 125MHz Crystal Oscillator
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
   SMD 3.2x2.5 16MHz Crystal Oscillator
TW0228A TAI-SAW-TW0228A Datasheet
219Kb / 5P
   SMD 3.2x2.5 48MHz Crystal Oscillator
TW0480A TAI-SAW-TW0480A Datasheet
170Kb / 8P
   Crystal Oscillator SMD 3.2x2.5 16.67MHz
REV. NO: 1.0
TW0494B TAI-SAW-TW0494B Datasheet
218Kb / 8P
   Crystal Oscillator SMD 3.2x2.5 27.00MHz
REV. NO: 5
TW0255A TAI-SAW-TW0255A Datasheet
240Kb / 6P
   SMD 3.2x2.5 32MHz Crystal Oscillator
TW0258A TAI-SAW-TW0258A Datasheet
225Kb / 6P
   SMD 3.2x2.5 24.576MHz Crystal Oscillator
TW0261A TAI-SAW-TW0261A Datasheet
348Kb / 8P
   SMD 3.2x2.5 50MHz Crystal Oscillator
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com