전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TW0494B 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TW0494B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
부품명 TW0494B
다운로드  TW0494B 다운로드

파일 크기   218.61 Kbytes
페이지   8 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Crystal Oscillator SMD 3.2x2.5 27.00MHz

TW0494B Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TW0494B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TW0494B
다운로드  TW0494B Click to download

파일 크기   218.61 Kbytes
페이지   8 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Crystal Oscillator SMD 3.2x2.5 27.00MHz

TW0494B 데이터시트 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TW0494B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TW0494B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.

TW0494B 제품 세부 정보

Features:
 Surface Mount Seam Weld Package
 Excellent Reliability Performance
 Good Frequency Perturbation and Stability over temperature
 AEC-Q200 Compliant
Application:
 For customer requirement.
 3.3 V Supply Voltage Operation / Complementary CMOS Output
 Option-able stand-by function for output.




유사한 부품 번호 - TW0494B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0401D TAI-SAW-TW0401D Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
TW0419A TAI-SAW-TW0419A Datasheet
176Kb / 8P
   SMD 3.2x2.5 3.5795MHz Crystal Oscillator
REV. NO.: 2.0
TW0426A TAI-SAW-TW0426A Datasheet
149Kb / 7P
   SMD 3.2x2.5 125MHz Crystal Oscillator
REV. NO.: 1.0
TW0439A TAI-SAW-TW0439A Datasheet
464Kb / 8P
   SMD 2.0x1.6 24.5454MHz Crystal Oscillator
REV. NO.: 1.0
TW0449A TAI-SAW-TW0449A Datasheet
119Kb / 7P
   Crystal Oscillator SMD 7.0x5.0 25.001MHz
REV. NO.: 1.0
More results


유사한 설명 - TW0494B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1041A TAI-SAW-TZ1041A Datasheet
354Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 2
TZ0781E TAI-SAW-TZ0781E Datasheet
122Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 1
TZ0483A TAI-SAW-TZ0483A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 3
TZ1423A TAI-SAW-TZ1423A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 2
TZ0501D TAI-SAW-TZ0501D Datasheet
163Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 2
TZ0781A TAI-SAW-TZ0781A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 4
TZ0188A TAI-SAW-TZ0188A Datasheet
300Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 5
TZ0243A TAI-SAW-TZ0243A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.00MHz
REV. NO.: 5
TW0233A TAI-SAW-TW0233A Datasheet
218Kb / 5P
   SMD 3.2x2.5 25MHz Crystal Oscillator
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
   SMD 3.2x2.5 16MHz Crystal Oscillator
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com