전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q8016LH4 데이터시트 (PDF) - HAOPIN MICROELECTRONICS CO.,LTD

Q8016LH4 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD
부품명 Q8016LH4
다운로드  Q8016LH4 다운로드

파일 크기   275.17 Kbytes
페이지   5 Pages
제조업체  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
홈페이지  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
상세설명 Three quadrant triacs

Q8016LH4 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
Q8016LH4 Datasheet PDF - HAOPIN MICROELECTRONICS CO.,LTD

부품명 Q8016LH4
다운로드  Q8016LH4 Click to download

파일 크기   275.17 Kbytes
페이지   5 Pages
제조업체  HAOPIN [HAOPIN MICROELECTRONICS CO.,LTD]
홈페이지  http://www.haopin.com/eindex.asp
Logo HAOPIN - HAOPIN MICROELECTRONICS CO.,LTD
상세설명 Three quadrant triacs

Q8016LH4 데이터시트 (HTML) - HAOPIN MICROELECTRONICS CO.,LTD

Q8016LH4 Datasheet HTML 1Page - HAOPIN MICROELECTRONICS CO.,LTD Q8016LH4 Datasheet HTML 2Page - HAOPIN MICROELECTRONICS CO.,LTD Q8016LH4 Datasheet HTML 3Page - HAOPIN MICROELECTRONICS CO.,LTD Q8016LH4 Datasheet HTML 4Page - HAOPIN MICROELECTRONICS CO.,LTD Q8016LH4 Datasheet HTML 5Page - HAOPIN MICROELECTRONICS CO.,LTD

Q8016LH4 제품 세부 정보

Description
Passivated high commutation triacs in a plastic envelope intended for use in circuits where
high static and dynamic dV/dt and high dI/dt can occur. These devices will commutate the
full rated ms current at the maximum rated junction temperature without the aid of a snubber.

Applications:
Motor control
Industrial and domestic lighting
Heating
Static switching

Features
Blocking voltage to 800 V
On-state RMS current to 16 A



유사한 부품 번호 - Q8016LH4

제조업체부품명데이터시트상세설명
logo
Littelfuse
Q8016LH4 LITTELFUSE-Q8016LH4 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q8016LH4 ETC2-Q8016LH4 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - Q8016LH4

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BTA216C PHILIPS-BTA216C Datasheet
21Kb / 4P
   Three quadrant triacs Three quadrant triacs
October 1997 Rev 1.000
logo
HAOPIN MICROELECTRONICS...
Q6012RH5 HAOPIN-Q6012RH5 Datasheet
355Kb / 5P
   Three quadrant triacs
BTB20-600BW HAOPIN-BTB20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
BTB24-600CW HAOPIN-BTB24-600CW Datasheet
308Kb / 5P
   Three quadrant triacs
BTB12-600BW HAOPIN-BTB12-600BW Datasheet
490Kb / 5P
   Three quadrant triacs
BTA20-600BW HAOPIN-BTA20-600BW Datasheet
317Kb / 5P
   Three quadrant triacs
BTA24-600BW HAOPIN-BTA24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTB24-600BW HAOPIN-BTB24-600BW Datasheet
308Kb / 5P
   Three quadrant triacs
BTA12-600CW HAOPIN-BTA12-600CW Datasheet
491Kb / 5P
   Three quadrant triacs
BTA12-600SW HAOPIN-BTA12-600SW Datasheet
491Kb / 5P
   Three quadrant triacs
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com