전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4577A 데이터시트 (PDF) - KISTLER INSTRUMENT CORPORATION

4577A Datasheet PDF - KISTLER INSTRUMENT CORPORATION
부품명 4577A
다운로드  4577A 다운로드

파일 크기   420.04 Kbytes
페이지   2 Pages
제조업체  KISTLER [KISTLER INSTRUMENT CORPORATION]
홈페이지  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
상세설명 Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN

4577A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
4577A Datasheet PDF - KISTLER INSTRUMENT CORPORATION

부품명 4577A
다운로드  4577A Click to download

파일 크기   420.04 Kbytes
페이지   2 Pages
제조업체  KISTLER [KISTLER INSTRUMENT CORPORATION]
홈페이지  https://www.kistler.com/NL/en/
Logo KISTLER - KISTLER INSTRUMENT CORPORATION
상세설명 Strain Gage Miniature Load Cell for Compression Forces, 0,1 ... 200 kN

4577A 데이터시트 (HTML) - KISTLER INSTRUMENT CORPORATION


4577A 제품 세부 정보

• Measuring ranges from 0 ... 0,1 kN up to 0 ... 200 kN
• Small size
• For static and dynamic measurements
• Stainless steel construction
• Standardized output signal 1 mV/V




유사한 부품 번호 - 4577A

제조업체부품명데이터시트상세설명
logo
Festo Corporation.
4577 FESTO-4577 Datasheet
79Kb / 1P
   Toggle lever valve
4/10/22
logo
Heyco.
4577 HEYCO-4577 Datasheet
267Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
4577F HEYCO-4577F Datasheet
267Kb / 1P
   Heyco®-Tite Brass Liquid Tight Cordgrips
More results


유사한 설명 - 4577A

제조업체부품명데이터시트상세설명
logo
KISTLER INSTRUMENT CORP...
4578A KISTLER-4578A Datasheet
958Kb / 2P
   Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 0,1 kN up to 0 ... 10 kN
4579A KISTLER-4579A Datasheet
825Kb / 2P
   Strain Gage Load Cell for Tensile and Compression Forces, 0 ... 20 kN up to 0 ... 500 kN
93X7-8C KISTLER-93X7-8C Datasheet
1Mb / 6P
   Triaxial load cell Measuring range in Fz ±3 kN up to -200 ... 450 kN
90X1C KISTLER-90X1C Datasheet
961Kb / 11P
   Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 7.5 kN to 1 200 kN
logo
TE Connectivity Ltd
FX29 TEC-FX29 Datasheet
698Kb / 15P
   Compact Compression Load Cell
logo
KISTLER INSTRUMENT CORP...
917XC KISTLER-917XC Datasheet
313Kb / 3P
   Piezoelectric load cells SlimLine Piezoelectric force transducers for tensile and compression forces of up to –20 ... 75 kN
910XC KISTLER-910XC Datasheet
377Kb / 6P
   Piezoelectric force sensors Piezoelectric ring force transducers for tensile and compression forces from 20 kN to 700 kN
logo
Red Lion Controls. Inc
LD2SG5P0 REDLION-LD2SG5P0 Datasheet
592Kb / 2P
   Large Display for Strain Gage Inputs
GMSG REDLION-GMSG Datasheet
473Kb / 2P
   Strain Gage Module
logo
KISTLER INSTRUMENT CORP...
913XC KISTLER-913XC Datasheet
847Kb / 6P
   Piezoelectric force sensor SlimLine Piezoelectric ring force transducers for tensile and compression forces from 3 kN to 80 kN
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com