전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1415292 데이터시트 (PDF) - PHOENIX CONTACT

1415292 Datasheet PDF - PHOENIX CONTACT
부품명 1415292
다운로드  1415292 다운로드

파일 크기   450.35 Kbytes
페이지   11 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 SACC-E-M12FSK-4PE-M16XL/0,2 - Device connector front mounting

1415292 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
1415292 Datasheet PDF - PHOENIX CONTACT

부품명 1415292
다운로드  1415292 Click to download

파일 크기   450.35 Kbytes
페이지   11 Pages
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
상세설명 SACC-E-M12FSK-4PE-M16XL/0,2 - Device connector front mounting

1415292 데이터시트 (HTML) - PHOENIX CONTACT


1415292 제품 세부 정보

Device connector front mounting, Power, 5-position, Flush-type female connector, straight, M12-
Standard, coding: K , on free cable end, Front mounting, M16 x 1.5, Individual wires, cable
length: 0.2 m, 2.50 mm2, PEX litz wire, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1239079

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Pre-assembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




유사한 부품 번호 - 1415292

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1415293 PHOENIX-1415293 Datasheet
459Kb / 11P
   SACC-DSI-M12MSK-4PE-M16XL/0,2 - Device connector, rear mounting
1415294 PHOENIX-1415294 Datasheet
128Kb / 7P
   Flush-type connector - SACC-DSI-M12FSK-4PE-M16XL/0,2
09/11/2020
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
   SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1415296 PHOENIX-1415296 Datasheet
336Kb / 9P
   SACC-E-M12FSL-4FE-M16XL/0,2 - Device connector front mounting
1415297 PHOENIX-1415297 Datasheet
254Kb / 8P
   SACC-DSI-M12MSL-4FE-M16XL/0,2 - Device connector, rear mounting
More results


유사한 설명 - 1415292

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1415294 PHOENIX-1415294 Datasheet
128Kb / 7P
   Flush-type connector - SACC-DSI-M12FSK-4PE-M16XL/0,2
09/11/2020
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
   SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1425635 PHOENIX-1425635 Datasheet
464Kb / 12P
   SACC-E-M12MSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1415300 PHOENIX-1415300 Datasheet
470Kb / 12P
   SACC-E-M12MSM-5PE-M16XL/0,2 - Device connector front mounting
1425636 PHOENIX-1425636 Datasheet
439Kb / 11P
   SACC-E-M12FSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1415296 PHOENIX-1415296 Datasheet
336Kb / 9P
   SACC-E-M12FSL-4FE-M16XL/0,2 - Device connector front mounting
1415293 PHOENIX-1415293 Datasheet
459Kb / 11P
   SACC-DSI-M12MSK-4PE-M16XL/0,2 - Device connector, rear mounting
1425587 PHOENIX-1425587 Datasheet
329Kb / 10P
   SACC-E-M12FSL-4CON-M16XL/0,2 - Device connector front mounting
1425586 PHOENIX-1425586 Datasheet
363Kb / 11P
   SACC-E-M12MSL-4CON-M16XL/0,2 - Device connector front mounting
1425583 PHOENIX-1425583 Datasheet
333Kb / 10P
   SACC-E-M12FSL-4FE-M16XL/0,2 GR - Device connector front mounting
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com