전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RTS5411-GR 데이터시트 (PDF) - Realtek Semiconductor Corp.

RTS5411-GR Datasheet PDF - Realtek Semiconductor Corp.
부품명 RTS5411-GR
다운로드  RTS5411-GR 다운로드
파일 크기   883.03 Kbytes
페이지   33 Pages
제조업체  REALTEK [Realtek Semiconductor Corp.]
홈페이지  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
상세설명 USB 3.0 Super-Speed HUB Controller

RTS5411-GR Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
RTS5411-GR Datasheet PDF - Realtek Semiconductor Corp.

부품명 RTS5411-GR
다운로드  RTS5411-GR Click to download

파일 크기   883.03 Kbytes
페이지   33 Pages
제조업체  REALTEK [Realtek Semiconductor Corp.]
홈페이지  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
상세설명 USB 3.0 Super-Speed HUB Controller

RTS5411-GR 데이터시트 (HTML) - Realtek Semiconductor Corp.


RTS5411-GR 제품 세부 정보

Features
Compliant with Universal Serial Bus 3.0 Specification Revision 1.0
- 4 downstream ports for super-speed, high-speed, full-speed and low-speed traffic.
- Backward compatible with USB specification Revision 2.0, 1.1 and 1.0.
MTT(Mul t iple Transact ion Translator )
- One TT for each downst ream por t .
- Better data throughput when multiple downstream ports act on FS concurrently.
Support SMBUS to customize configurations
- SMBUS address is configurable by external SPI Flash or internal eFuse.
Support I2C to configure other chips on the same platform.
Compliant with USB Battery Charging Specification Revision 1.2 and other portable devices
- DCP Mode of BC 1.2.
- CDP Mode of BC 1.2.
- ACA-Dock functions of BC 1.2.
- Charger detection functions for upstream port’s charger which complies with BC1.2.
- D+/D– Divider Modes 2.0V/2.7V, 2.7/2.0V and 2.7/2.7V.
- D+/D- 1.2V Mode.
The Up Stream Port of the RTS5411 can detect the DSP it is connected to is a SDP, CDP, or DCP.
When the RTS5411 is connected to a charging port, it is allowed to draw more current from the DSP.
Support Gang mode and Individual mode for downstream port.
Support USB2.0 LPM-L1 function
Support USB3.0 U1/U2/U3 power saving mode
Integrated Fast 8051 microprocessor
Support serial flash for ISP function which can upgrade Firmware or configurations via USB directly.
Support EEPROM for ISP function which can upgrade configurations via USB directly.
Support 12MHz Crystal clock
Integrated 3.3V output LDO inside, the input range supports from 4.5V to 5.5V
Integrated 1.2V output switching regulator, the input range supports from 3.0V to 5.5V.
Support LED control function of indicating Downstream Ports transfer activity and over-current
condition.




유사한 부품 번호 - RTS5411-GR

제조업체부품명데이터시트상세설명
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5138-GR REALTEK-RTS5138-GR Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
RTS5169-VEC-GR REALTEK-RTS5169-VEC-GR Datasheet
183Kb / 15P
USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
More results


유사한 설명 - RTS5411-GR

제조업체부품명데이터시트상세설명
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
USB 3.0 Hub Controller
logo
GENESYS LOGIC
GL3520 GENESYS-GL3520 Datasheet
275Kb / 1P
USB 3.0 MTT Hub Controller
logo
Coolgear Inc.
USBG-4PMINIH COOLGEAR-USBG-4PMINIH Datasheet
448Kb / 2P
USB 3.0 4 Port Power Hub Super Speed Metal Case
Rev 01.200713
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com