전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZ1741A 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1741A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
부품명 TZ1741A
다운로드  TZ1741A 다운로드

파일 크기   436.57 Kbytes
페이지   7 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Crystal Unit SMD 3.2x2.5 19.2MHz

TZ1741A Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TZ1741A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TZ1741A
다운로드  TZ1741A Click to download

파일 크기   436.57 Kbytes
페이지   7 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Crystal Unit SMD 3.2x2.5 19.2MHz

TZ1741A 데이터시트 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TZ1741A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ1741A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ1741A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ1741A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ1741A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ1741A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ1741A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.

TZ1741A 제품 세부 정보

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




유사한 부품 번호 - TZ1741A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1746A TAI-SAW-TZ1746A Datasheet
298Kb / 4P
   HC49U DIP 2.4576MHz Crystal Unit
REV. NO.: 3.0
TZ1747A TAI-SAW-TZ1747A Datasheet
431Kb / 7P
   Crystal Unit SMD 3.2x2.5 28.224MHz
REV. NO.: 1
More results


유사한 설명 - TZ1741A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1008B TAI-SAW-TZ1008B Datasheet
423Kb / 8P
   Crystal Unit SMD 3.2x2.5 19.2MHz
REV. NO.: 3
TZ1539A TAI-SAW-TZ1539A Datasheet
446Kb / 7P
   SMD 3.2x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TW0240A TAI-SAW-TW0240A Datasheet
218Kb / 5P
   SMD 3.2x2.5 19.2MHz Crystal Oscillator
TZ1079A TAI-SAW-TZ1079A Datasheet
202Kb / 5P
   SMD 4.0x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ0189A TAI-SAW-TZ0189A Datasheet
236Kb / 5P
   SMD 4.0x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ1835A TAI-SAW-TZ1835A Datasheet
135Kb / 8P
   Crystal Unit SMD 2.5x2.0 19.2MHz
REV. NO.: 1
TZ0446A TAI-SAW-TZ0446A Datasheet
225Kb / 5P
   SMD 4.0x2.5 19.2MHz Crystal Unit
REV. NO.: 1
TZ2576A TAI-SAW-TZ2576A Datasheet
118Kb / 7P
   Crystal Unit SMD 5.0x3.2 19.2MHz
REV. NO.: 1
TZ0715A TAI-SAW-TZ0715A Datasheet
182Kb / 5P
   SMD 5.0x3.2 19.2MHz Crystal Unit
REV. NO.: 1
TZ1913A TAI-SAW-TZ1913A Datasheet
152Kb / 8P
   Crystal Unit SMD 2.0x1.6 19.2MHz
REV. NO.: 2.0
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com