전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TZ2608B 데이터시트 (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2608B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
부품명 TZ2608B
다운로드  TZ2608B 다운로드

파일 크기   142.48 Kbytes
페이지   7 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Crystal Unit SMD 3.2x2.5 50MHz

TZ2608B Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
TZ2608B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TZ2608B
다운로드  TZ2608B Click to download

파일 크기   142.48 Kbytes
페이지   7 Pages
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
상세설명 Crystal Unit SMD 3.2x2.5 50MHz

TZ2608B 데이터시트 (HTML) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2608B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ2608B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ2608B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ2608B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ2608B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ2608B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ2608B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.

TZ2608B 제품 세부 정보

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




유사한 부품 번호 - TZ2608B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2608D TAI-SAW-TZ2608D Datasheet
100Kb / 7P
   Crystal Unit SMD 3.2x2.5 50.00MHz
REV. NO.: 1
More results


유사한 설명 - TZ2608B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TW0261A TAI-SAW-TW0261A Datasheet
348Kb / 8P
   SMD 3.2x2.5 50MHz Crystal Oscillator
TZ0486A TAI-SAW-TZ0486A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 44.0MHz
REV. NO.: 3
TZ0501A TAI-SAW-TZ0501A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 27.0MHz
REV. NO.: 3
TZ0577A TAI-SAW-TZ0577A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 50.167MHz
REV. NO.: 3
TZ0586A TAI-SAW-TZ0586A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 50.227MHz
REV. NO.: 3
TZ0600A TAI-SAW-TZ0600A Datasheet
302Kb / 7P
   Crystal Unit SMD 3.2x2.5 32.00MHz
REV. NO.: 4
TZ0749A TAI-SAW-TZ0749A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 25.000MHz
REV. NO.: 3
TZ0746A TAI-SAW-TZ0746A Datasheet
301Kb / 7P
   Crystal Unit SMD 3.2x2.5 12.288MHz
REV. NO.: 4
TZ0748A TAI-SAW-TZ0748A Datasheet
380Kb / 7P
   SMD 3.2x2.5 25.0MHz Crystal Unit
REV. NO.: 3
TZ0748D TAI-SAW-TZ0748D Datasheet
140Kb / 7P
   Crystal Unit SMD 3.2x2.5 25.00MHz
REV. NO.: 2
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com