전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MGFK39V4045 데이터시트 (PDF) - Mitsubishi Electric Semiconductor

MGFK39V4045 Datasheet PDF - Mitsubishi Electric Semiconductor
부품명 MGFK39V4045
다운로드  MGFK39V4045 다운로드
파일 크기   20.13 Kbytes
페이지   1 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET

MGFK39V4045 Datasheet (PDF)

Go To PDF Page 다운로드 데이터시트
MGFK39V4045 Datasheet PDF - Mitsubishi Electric Semiconductor

부품명 MGFK39V4045
다운로드  MGFK39V4045 Click to download

파일 크기   20.13 Kbytes
페이지   1 Pages
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
상세설명 14.0-14.5GHz BAND 8W INTERNALLY MATCHD GaAs FET

MGFK39V4045 데이터시트 (HTML) - Mitsubishi Electric Semiconductor


MGFK39V4045 제품 세부 정보

DESCRIPTION
GaAs power FET especially designed for use in 14.0~14.5 GHz band amplifiers. The hermetically sealed metal-ceramic The MGFK39V4045 is an internally impedance matched package guarantees high reliability.

FEATURES
● Internally impedance matched
● High output power
   P1dB=8W (TYP.) @f=14.0~14.5GHz
● High linear power gain
   GLP=5.5dB (TYP.) @f=14.0~14.5GHz
● High power added efficiency
   ηadd =20%(TYP.) @f=14.0~14.5GHz, P1dB

APPLICATION
   For use in 14.0~14.5GHz band amplifiers




유사한 부품 번호 - MGFK39V4045

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045 Datasheet
102Kb / 2P
14.0-14.5 GHz BAND / 8W
MGFK39V4045 MITSUBISHI-MGFK39V4045_11 Datasheet
102Kb / 2P
14.0-14.5 GHz BAND / 8W
More results


유사한 설명 - MGFK39V4045

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
MGFK25V4045 MITSUBISHI-MGFK25V4045 Datasheet
79Kb / 2P
14.0-14.5GHz BAND 0.3W INTERNALLY MATCHED GaAs FET
MGFK30V4045 MITSUBISHI-MGFK30V4045 Datasheet
80Kb / 2P
14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET?
MGFK33V4045 MITSUBISHI-MGFK33V4045 Datasheet
113Kb / 3P
14.0-14.5GHz BAND 2W INTERNALLY MATCHED GaAs FET?
MGFK36V4045 MITSUBISHI-MGFK36V4045 Datasheet
91Kb / 2P
14.0-14.5GHz BAND 4W INTERNALLY MATCHED GaAs FET???
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
MGFK44A4045 MITSUBISHI-MGFK44A4045 Datasheet
356Kb / 4P
14.0-14.5GHz BAND 25W INTERNALLY MATCHED GaAs FET
MGFK25V4045 MITSUBISHI-MGFK25V4045_03 Datasheet
354Kb / 3P
14.0-14.5GHz BAND 0.3W INTERNALLY MATCHED GaAs FET
MGFK30V4045 MITSUBISHI-MGFK30V4045_05 Datasheet
251Kb / 3P
14.0-14.5GHz BAND 1W INTERNALLY MATCHED GaAs FET
MGFK33V4045 MITSUBISHI-MGFK33V4045_97 Datasheet
285Kb / 4P
14.0-14.5GHz BAND 2W INTERNALLY MATCHED GaAs FET?
MGFK37V4045 MITSUBISHI-MGFK37V4045_97 Datasheet
267Kb / 4P
14.0-14.5GHz BAND 5W INTERNALLY MATCHED GaAs FET????
More results



링크 URL



개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com